Electronic Components Datasheet Search
  English  ▼

X  

8766K Datasheet (PDF) - Agilent(Hewlett-Packard)

8766K Datasheet PDF - Agilent(Hewlett-Packard)
Part # 8766K
Download  8766K Download
File Size   439.35 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Agilent 8766/7/8/9K Microwave Single-Pole Multi-Throw Switches

8766K Datasheet (PDF)

Go To PDF Page Download Datasheet
8766K Datasheet PDF - Agilent(Hewlett-Packard)

Part # 8766K
Download  8766K Click to download

File Size   439.35 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Agilent 8766/7/8/9K Microwave Single-Pole Multi-Throw Switches

8766K Datasheet (HTML) - Agilent(Hewlett-Packard)




Similar Part No. - 8766K

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
8766 WINCHESTER-8766 Datasheet
55Kb / 1P
Plug, Angle, Sma
logo
Belden Inc.
8766 BELDEN-8766 Datasheet
169Kb / 2P
Audio, Control & Instrument, #22-15pr, PVC, Indv. Foil, PVC Jkt, CMG
05-05-2023
8766.0601000 BELDEN-8766.0601000 Datasheet
169Kb / 2P
Audio, Control & Instrument, #22-15pr, PVC, Indv. Foil, PVC Jkt, CMG
05-05-2023
logo
Molex Electronics Ltd.
87663 MOLEX-87663 Datasheet
3Mb / 6P
PowerPlusTM (SSI) Expandable Power & Signal Connectors
87663-4001 MOLEX9-87663-4001 Datasheet
265Kb / 5P
6.35mm (.250") Pitch Power (DC), 7.62mm (.300") Pitch Power (AC), 2.54mm (.100")Pitch Signal, EXTreme PowerPlus??Board-to-Board Header, Right Angle, 33 CircuitsPower Alpha 3, Signal 24, Power Beta 6, Long Contacts, Recessed Signal Pin A1,
More results


Similar Description - 8766K

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
6023 MICRONETICS-6023 Datasheet
43Kb / 1P
SINGLE POLE, SINGLE THROW CONNECTORIZED SWITCHES WITH DIGITAL CONNECTORS
6034 MICRONETICS-6034 Datasheet
40Kb / 1P
SINGLE POLE, SINGLE THROW CONNECTORIZED SWITCHES
6903 MICRONETICS-6903 Datasheet
38Kb / 1P
SINGLE POLE, DOUBLE THROW SURFACE MOUNT SWITCHES
6017 MICRONETICS-6017 Datasheet
40Kb / 1P
SINGLE POLE, DOUBLE THROW CONNECTORIZED SWITCHES
6029 MICRONETICS-6029 Datasheet
45Kb / 1P
SINGLE POLE, DOUBLE THROW CONNECTORIZED PLUG-IN SWITCHES
6048 MICRONETICS-6048 Datasheet
40Kb / 1P
SINGLE POLE, DOUBLE THROW CONNECTORIZED SWITCHES WITH DIGITAL CONNECTORS
6055 MICRONETICS-6055 Datasheet
39Kb / 1P
SINGLE POLE, THREE THROW CONNECTORIZED SWITCHES
6058 MICRONETICS-6058 Datasheet
41Kb / 1P
SINGLE POLE, FOUR THROW CONNECTORIZED SWITCHES WITH DIGITAL CONNECTOR
6069 MICRONETICS-6069 Datasheet
38Kb / 1P
SINGLE POLE, SIX THROW CONNECTORIZED SWITCHES
6073 MICRONETICS-6073 Datasheet
38Kb / 1P
SINGLE POLE, TEN THROW CONNECTORIZED SWITCHES
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com