Electronic Components Datasheet Search
  English  ▼

X  

AS5C4009CW-100/H Datasheet (PDF) - Micross Components

AS5C4009CW-100/H Datasheet PDF - Micross Components
Part # AS5C4009CW-100/H
Download  AS5C4009CW-100/H Download
File Size   162.41 Kbytes
Page   12 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Three state outputs

AS5C4009CW-100/H Datasheet (PDF)

Go To PDF Page Download Datasheet
AS5C4009CW-100/H Datasheet PDF - Micross Components

Part # AS5C4009CW-100/H
Download  AS5C4009CW-100/H Click to download

File Size   162.41 Kbytes
Page   12 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Three state outputs

AS5C4009CW-100/H Datasheet (HTML) - Micross Components


AS5C4009CW-100/H Product details

GENERAL DESCRIPTION
The AS5C4009 is organized as 524,288 x 8 SRAM utilizing a special ultra low power design process. Micross’ pinout adheres to the JEDEC standard for pinout on 4 megabit SRAMs. The evolutionary 32 pin version allows for easy upgrades from the 1 meg SRAM design.

FEATURES
• Ultra Low Power with 2V Data Retention
    (0.2mW MAX worst case Power-down standby)
• Fully Static, No Clocks
• Single +5V ±10% power supply
• Easy memory expansion with CE and OE options
• All inputs and outputs are TTL-compatible
• Three state outputs
• Operating temperature range:
    Ceramic -55°C to +125°C & -40°C to +85°C
    Plastic -40°C to +85°C3




Similar Part No. - AS5C4009CW-100/H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS5C4009CW-100/H ETC1-AS5C4009CW-100/H Datasheet
134Kb / 12P
SRAM
logo
Austin Semiconductor
AS5C4009CW-100/H AUSTIN-AS5C4009CW-100/H Datasheet
108Kb / 12P
512K x 8 SRAM Ultra Low Power SRAM
More results


Similar Description - AS5C4009CW-100/H

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS242 HITACHI-HD74LS242 Datasheet
58Kb / 6P
Quadruple Bus Transceivers(with three-state outputs)
logo
Advanced Micro Devices
AM74S350 AMD-AM74S350 Datasheet
106Kb / 2P
Four-Bit Shifter With Three-State Outputs
AM25LS374A AMD-AM25LS374A Datasheet
313Kb / 5P
8-Bit Registers with Three-State Outputs
logo
Renesas Technology Corp
HD74LS366A RENESAS-HD74LS366A Datasheet
161Kb / 5P
Hex Bus Drivers (with three-state outputs)
HD74LS367A RENESAS-HD74LS367A Datasheet
63Kb / 6P
(non-inverted data outputs with three-state outputs)
logo
IK Semicon Co., Ltd
ILX485 IKSEMICON-ILX485 Datasheet
485Kb / 8P
Three-State Outputs
logo
Aeroflex Circuit Techno...
UT54ACTS245E AEROFLEX-UT54ACTS245E Datasheet
117Kb / 9P
Octal Bus Transceiver with Three-State Outputs
logo
Integrated Silicon Solu...
IS62WV2568EALL ISSI-IS62WV2568EALL Datasheet
869Kb / 16P
Three state outputs
IS62WV12816EALL ISSI-IS62WV12816EALL Datasheet
1Mb / 17P
Three state outputs
IS66WV51216EALL ISSI-IS66WV51216EALL Datasheet
620Kb / 17P
Three state outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com