Electronic Components Datasheet Search
  English  ▼

X  

MRF19030 Datasheet (PDF) - Motorola, Inc

MRF19030 Datasheet PDF - Motorola, Inc
Part # MRF19030
Download  MRF19030 Download
File Size   390.98 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description RF POWER FIELD EFFECT TRANSISTORS

MRF19030 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF19030 Datasheet PDF - Motorola, Inc

Part # MRF19030
Download  MRF19030 Click to download

File Size   390.98 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description RF POWER FIELD EFFECT TRANSISTORS

MRF19030 Datasheet (HTML) - Motorola, Inc


MRF19030 Product details

The RF MOSFET Line
RF Power Field Effect Transistors
N–Channel Enhancement–Mode Lateral MOSFETs

Designed for class AB PCN and PCS base station applications with frequencies from 1.8 to 2.0 GHz. Suitable for FM, TDMA, CDMA and multicarrier amplifier applications.

• CDMA Performance @ 1990 MHz, 26 Volts
   IS–97 CDMA Pilot, Sync, Paging, Traffic Codes 8 Thru 13
   885 kHz — –47 dBc @ 30 kHz BW
   1.25 MHz — –55 dBc @ 12.5 kHz BW
   2.25 MHz — –55 dBc @ 1 MHz BW
   Output Power — 4.5 Watts Avg.
   Power Gain — 13.5 dB
   Efficiency — 17%
• Internally Matched, Controlled Q, for Ease of Use
• High Gain, High Efficiency and High Linearity
• Integrated ESD Protection
• Designed for Maximum Gain and Insertion Phase Flatness
• Capable of Handling 10:1 VSWR, @ 26 Vdc, 1.93 GHz, 30 Watts CW Output Power
• Excellent Thermal Stability
• Characterized with Series Equivalent Large–Signal Impedance Parameters
• In Tape and Reel. R3 Suffix = 250 Units per 32 mm, 13 Inch Reel.




Similar Part No. - MRF19030

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF19030 FREESCALE-MRF19030 Datasheet
425Kb / 8P
RF Power Field Effect Transistors
logo
Motorola, Inc
MRF19030LR3 MOTOROLA-MRF19030LR3 Datasheet
594Kb / 8P
The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRF19030LR3 FREESCALE-MRF19030LR3 Datasheet
425Kb / 8P
RF Power Field Effect Transistors
logo
Motorola, Inc
MRF19030LSR3 MOTOROLA-MRF19030LSR3 Datasheet
594Kb / 8P
The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRF19030LSR3 FREESCALE-MRF19030LSR3 Datasheet
425Kb / 8P
RF Power Field Effect Transistors
More results


Similar Description - MRF19030

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
RF Power Field Effect Transistors
MRF6S9060MR1 FREESCALE-MRF6S9060MR1 Datasheet
630Kb / 16P
RF Power Field Effect Transistors
MRF6S27050HR3 FREESCALE-MRF6S27050HR3 Datasheet
463Kb / 12P
RF Power Field Effect Transistors
MRF18060ALR3 FREESCALE-MRF18060ALR3 Datasheet
393Kb / 12P
RF Power Field Effect Transistors
MRF284LR1 FREESCALE-MRF284LR1 Datasheet
376Kb / 12P
RF Power Field Effect Transistors
MRF21010LR1 FREESCALE-MRF21010LR1_06 Datasheet
383Kb / 8P
RF Power Field Effect Transistors
MRF21125R3 FREESCALE-MRF21125R3 Datasheet
427Kb / 12P
RF Power Field Effect Transistors
MRF6V2300NBR1 FREESCALE-MRF6V2300NBR1 Datasheet
687Kb / 19P
RF Power Field Effect Transistors
MRF6V14300HR3 FREESCALE-MRF6V14300HR3 Datasheet
401Kb / 10P
RF Power Field Effect Transistors
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com