Electronic Components Datasheet Search
  English  ▼

X  

ISD5008X Datasheet (PDF) - List of Unclassifed Manufacturers

ISD5008X Datasheet PDF - List of Unclassifed Manufacturers
Part # ISD5008X
Download  ISD5008X Download
File Size   1174.77 Kbytes
Page   47 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS

ISD5008X Datasheet (PDF)

Go To PDF Page Download Datasheet
ISD5008X Datasheet PDF - List of Unclassifed Manufacturers

Part # ISD5008X
Download  ISD5008X Click to download

File Size   1174.77 Kbytes
Page   47 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS

ISD5008X Datasheet (HTML) - List of Unclassifed Manufacturers


ISD5008X Product details

[Winbond]



ISD5008 PRODUCT SUMMARY

The ISD5008 ChipCorder product is a fully-inte grated, single-chip solution which provides seamless integration of enhanced voice record and playback features for digital cellular phones (GSM, CDMA, TDMA, PDC, and PHS), automotive communications, GPS/navigation systems, and portable communication products. This low-power, 3-volt product enables customers to quickly and easily integrate 4 to 8 minutes of voice storage features such as one-way and two-way (full duplex) call record, voice memo record, and call screening/answering machine functionality.



ISD5008 FEATURES

FULLY-INTEGRATED SOLUTION

• Single-chip voice record/playback solution

• Integrated sampling clock, anti-aliasing and smoothing filters, and multi-level storage array

• Integrated analog features such as automatic

   gain control (AGC), audio gating switches,

   speaker driver (23mW with 8 ohm load),

   summing amplifiers, volume control, and an

   AUX IN/AUX OUT interface (e.g., for car kits).



LOW-POWER CONSUMPTION

• Single +3 volt supply

• Operating current:

   ICC Play = 15 mA (typical)

   ICC Rec = 25 mA (typical)

   ICC Feedthru = 12 mA (typical)

• Standby current: ISB = 1 µA

• Power consumption controlled by SPI or Microwire control register

• Most stages can be individually powered down for minimum power consumption



ENHANCED VOICE FEATURES

• One or two-way (full duplex) conversation record (record signal summation)

• One- or two-way (full duplex) message playback (while on a call)

• Voice memo record and playback

• Private call screening

• In-terminal answering machine

• Personalized outgoing message (given caller ID information from host chip set)

• Private call announce while on call (given CIDCW information from host chip set)



EASY-TO-USE AND CONTROL

• No compression algorithm development required

• User-controllable sample rates of 8.0 kHz, 6.4 kHz, 5.3 kHz, or 4.0 kHz providing up to 8 minutes of voice storage.

• Microcontroller SPI or Microwire™ Serial Interface

• Fully addressable to handle multiple messages in 1200 rows



HIGH QUALITY SOLUTION

• High quality voice and music reproduction

• ISD’s standard 100-year message retention (typical)

• 100,000 record cycles (typical)



OPTIONS

• Available in die form, PDIP, SOIC, TSOP, and chip scale packaging (CSP)

• Compact µBGA chip scale package available for portable applications

• Extended temperature (-20 to +70°C) and industrial temperature (-40 to +85°C) versions available




Similar Part No. - ISD5008X

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD5008 WINBOND-ISD5008 Datasheet
242Kb / 7P
Demonstration Board
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD5008EYI NUVOTON-ISD5008EYI Datasheet
1Mb / 54P
3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD5008PYI NUVOTON-ISD5008PYI Datasheet
1Mb / 54P
3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD5008SYI NUVOTON-ISD5008SYI Datasheet
1Mb / 54P
3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
More results


Similar Description - ISD5008X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
logo
List of Unclassifed Man...
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
ISD33120 ETC1-ISD33120 Datasheet
1Mb / 30P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
logo
Nuvoton Technology Corp...
ISD4003 NUVOTON-ISD4003 Datasheet
1,005Kb / 36P
SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 4-, 5-, 6-, AND 8-MINUTE DURATION
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com