Electronic Components Datasheet Search
  English  ▼

X  

TPS61091 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS61091 Datasheet PDF - Texas Instruments
Part # TPS61091
Download  TPS61091 Download
File Size   457.35 Kbytes
Page   19 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH

TPS61091 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61091 Datasheet PDF - Texas Instruments

Part # TPS61091
Download  TPS61091 Click to download

File Size   457.35 Kbytes
Page   19 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH

TPS61091 Datasheet (HTML) - Texas Instruments




Similar Part No. - TPS61091

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61091RSAR TI1-TPS61091RSAR Datasheet
1Mb / 25P
SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS61091RSARG4 TI1-TPS61091RSARG4 Datasheet
1Mb / 25P
SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
More results


Similar Description - TPS61091

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV1542DK-00A MPS-EV1542DK-00A Datasheet
197Kb / 4P
700KHz/1.3MHz Boost Converter with a 2A Switch
EV1542DK-SEPIC-00A MPS-EV1542DK-SEPIC-00A Datasheet
175Kb / 4P
700KHz/1.3MHz Boost Converter with a 2A Switch
MP1542 MPS-MP1542 Datasheet
485Kb / 10P
700KHz/1.3MHz Boost Converter with a 2A Switch
MP1542 MPS-MP1542_06 Datasheet
460Kb / 10P
700KHz/1.3MHz Boost Converter with a 2A Switch
logo
Linear Technology
LTC3402 LINER-LTC3402 Datasheet
229Kb / 16P
2A, 3MHz Micropower Synchronous Boost Converter
logo
Texas Instruments
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61090RSAR TI1-TPS61090RSAR Datasheet
1Mb / 25P
SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
logo
Linear Technology
LTC3402 LINER-LTC3402_15 Datasheet
235Kb / 16P
2A, 3MHz Micropower Synchronous Boost Converter
logo
Texas Instruments
TPS61090 TI-TPS61090_15 Datasheet
960Kb / 27P
TPS6109x Synchronous Boost Converter With 2-A Switch
logo
Monolithic Power System...
MPQ1542 MPS-MPQ1542 Datasheet
917Kb / 15P
700KHz/1.3MHz Boost Converter with a 2A Switch
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com