Electronic Components Datasheet Search
  English  ▼

X  

CE3512K2 Datasheet (PDF) - California Eastern Labs

CE3512K2 Datasheet PDF - California Eastern Labs
Part # CE3512K2
Download  CE3512K2 Download
File Size   758.2 Kbytes
Page   8 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description 12 GHz Super Low Noise FET in Hollow Plastic PKG

CE3512K2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CE3512K2 Datasheet PDF - California Eastern Labs

Part # CE3512K2
Download  CE3512K2 Click to download

File Size   758.2 Kbytes
Page   8 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description 12 GHz Super Low Noise FET in Hollow Plastic PKG

CE3512K2 Datasheet (HTML) - California Eastern Labs




Similar Part No. - CE3512K2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CE3514M4 CEL-CE3514M4 Datasheet
746Kb / 8P
12GHz Low Noise FET in Dual Mold Plastic PKG
CE3514M4-C2 CEL-CE3514M4-C2 Datasheet
746Kb / 8P
12GHz Low Noise FET in Dual Mold Plastic PKG
More results


Similar Description - CE3512K2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-10100 HP-ATF-10100 Datasheet
51Kb / 4P
0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10136 HP-ATF-10136 Datasheet
46Kb / 3P
0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10236 HP-ATF-10236 Datasheet
47Kb / 3P
0.5-12 GHz Low Noise Gallium Arsenide FET
logo
SIRENZA MICRODEVICES
SPF-2086T SIRENZA-SPF-2086T Datasheet
583Kb / 5P
Low Noise pHEMT GaAs FET 0.1 - 12 GHz Operation
logo
California Eastern Labs
NE4210S01 CEL-NE4210S01 Datasheet
252Kb / 7P
SUPER LOW NOISE HJ FET
NE23300 CEL-NE23300 Datasheet
58Kb / 5P
SUPER LOW NOISE HJ FET
CE3514M4 CEL-CE3514M4 Datasheet
746Kb / 8P
12GHz Low Noise FET in Dual Mold Plastic PKG
CE3520K3 CEL-CE3520K3 Datasheet
748Kb / 8P
20 GHz Super Low Noise FET in Hollow Plastic PKG
CE3521M4 CEL-CE3521M4 Datasheet
762Kb / 8P
20 GHz Low Noise FET in Dual Mold Plastic PKG
CE3524K3 CEL-CE3524K3 Datasheet
812Kb / 8P
24GHz Super Low Noise FET in Hollow Plastic PKG
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com