Electronic Components Datasheet Search
  English  ▼

X  

EL4543ILZ Datasheet (PDF) - Intersil Corporation

EL4543ILZ Datasheet PDF - Intersil Corporation
Part # EL4543ILZ
Download  EL4543ILZ Download
File Size   844.02 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding

EL4543ILZ Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4543ILZ Datasheet PDF - Intersil Corporation

Part # EL4543ILZ
Download  EL4543ILZ Click to download

File Size   844.02 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding

EL4543ILZ Datasheet (HTML) - Intersil Corporation


EL4543ILZ Product details

The EL4543 is a high bandwidth triple differential amplifier with integrated encoding of video sync signals. The inputs are suitable for handling high speed video or other communications signals in either single-ended or differential form, and the common-mode input range extends all the way to the negative rail enabling ground-referenced signalling in single supply applications. The high bandwidth enables differential signalling onto standard twisted-pair or coax with very low harmonic distortion, while internal feedback ensures balanced gain and phase at the outputs reducing radiated EMI and harmonics.

Features
• Fully differential inputs, outputs, and feedback
• 350MHz -3dB bandwidth
• 1200V/µs slew rate
• -75dB distortion at 5MHz
• Single 5V to 12V operation
• 50mA minimum output current
• Low power - 36mA total typical supply current
• Pb-free plus anneal available (RoHS compliant)

Applications
• Twisted-pair drivers
• Differential line drivers
• VGA over twisted-pair
• Transmission of analog signals in a noisy environment




Similar Part No. - EL4543ILZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4543ILZ INTERSIL-EL4543ILZ Datasheet
525Kb / 17P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
January 5, 2007
EL4543ILZ INTERSIL-EL4543ILZ Datasheet
538Kb / 18P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
September 13, 2007
logo
Renesas Technology Corp
EL4543ILZ RENESAS-EL4543ILZ Datasheet
1,001Kb / 18P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
EL4543ILZ RENESAS-EL4543ILZ Datasheet
1Mb / 21P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
Rev 11.01 Mar 13, 2024
logo
Intersil Corporation
EL4543ILZ-T13 INTERSIL-EL4543ILZ-T13 Datasheet
525Kb / 17P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
January 5, 2007
More results


Similar Description - EL4543ILZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2141 INTERSIL-EL2141 Datasheet
270Kb / 6P
150MHz Differential Twisted Pair Driver
February 11, 2005
logo
Analog Devices
AD8134 AD-AD8134 Datasheet
458Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
10/05-Rev. Sp0 to Rev. A
logo
Intersil Corporation
EL4543 INTERSIL-EL4543_07 Datasheet
525Kb / 17P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
January 5, 2007
EL4543_0709 INTERSIL-EL4543_0709 Datasheet
538Kb / 18P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
September 13, 2007
EL5177 INTERSIL-EL5177_07 Datasheet
269Kb / 11P
550MHz Differential Twisted-Pair Driver
May 10, 2007
logo
Analog Devices
AD8134 AD-AD8134_15 Datasheet
455Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
REV. A
logo
Renesas Technology Corp
EL2141 RENESAS-EL2141 Datasheet
469Kb / 6P
150MHz Differential Twisted Pair Driver
EL4543 RENESAS-EL4543 Datasheet
1,001Kb / 18P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
EL5177 RENESAS-EL5177 Datasheet
644Kb / 12P
550MHz Differential Twisted-Pair Driver
logo
Analog Devices
AD8134 AD-AD8134_16 Datasheet
443Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
3/16-Rev. A to Rev. B
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com