Electronic Components Datasheet Search
  English  ▼

X  

D06E60 Datasheet (PDF) - Infineon Technologies AG

D06E60 Datasheet PDF - Infineon Technologies AG
Part # D06E60
Download  D06E60 Download
File Size   521.06 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Fast Switching Emitter Controlled Diode

D06E60 Datasheet (PDF)

Go To PDF Page Download Datasheet
D06E60 Datasheet PDF - Infineon Technologies AG

Part # D06E60
Download  D06E60 Click to download

File Size   521.06 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Fast Switching Emitter Controlled Diode

D06E60 Datasheet (HTML) - Infineon Technologies AG


D06E60 Product details

Feature
• 600V Emitter Controlled technology
• Fast recovery
• Soft switching
Low reverse recovery charge
• Low forward voltage
• 175°C operating temperature
• Easy paralleling
• Pb-free lead plating; RoHS compliant
• Qualified according to JEDEC) for target applications




Similar Part No. - D06E60

ManufacturerPart #DatasheetDescription
logo
Weller Tools
D06 WELLER-D06 Datasheet
42Kb / 2P
Hot air nozzles for HAP1 WMD 3K, WMD 1A, WAD 101, WMA 3V
logo
Sunon Fans
D06022340G-00 SUNON-D06022340G-00 Datasheet
609Kb / 9P
MagLev Motor Fan
07. 01. 2013
logo
Tyco Electronics
D06106-000 MACOM-D06106-000 Datasheet
45Kb / 1P
1892BK04 Dot Matrix Ribbon
logo
TE Connectivity Ltd
D06106-000 TEC-D06106-000 Datasheet
128Kb / 12P
PRINTING RIBBONS AND INKS TECHNICAL DATASHEET
logo
Tyco Electronics
D06222-000 MACOM-D06222-000 Datasheet
610Kb / 11P
20mm Series Metal Oxide Varistors
More results


Similar Description - D06E60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDV30E60C INFINEON-IDV30E60C Datasheet
1Mb / 11P
Fast Switching Emitter Controlled Diode
2010-07-26 revision:2.1
IDD15E60 INFINEON-IDD15E60_13 Datasheet
462Kb / 8P
Fast Switching Emitter Controlled Diode
Rev.2.4 2013-12-05
IDW100E60 INFINEON-IDW100E60_14 Datasheet
303Kb / 7P
Fast Switching Emitter Controlled Diode
Rev. 2.3 20.09.2013
IDW75E60 INFINEON-IDW75E60_14 Datasheet
307Kb / 7P
Fast Switching Emitter Controlled Diode
Rev. 2.2 20.09.2013
IDW30E60 INFINEON-IDW30E60 Datasheet
1Mb / 11P
Fast Switching Emitter Controlled Diode
2011-11-10 revision:1.1
IDP45E60 INFINEON-IDP45E60_14 Datasheet
518Kb / 8P
Fast Switching Emitter Controlled Diode
2013-12-05 revision:2.5
IDP15E60 INFINEON-IDP15E60_13 Datasheet
643Kb / 8P
Fast Switching Emitter Controlled Diode
2013-12-05 revision:2.6
IDB30E120 INFINEON-IDB30E120_13 Datasheet
1Mb / 8P
Fast Switching Emitter Controlled Diode
Rev.2.3 2013-07-02
IDB30E60 INFINEON-IDB30E60_13 Datasheet
420Kb / 8P
Fast Switching Emitter Controlled Diode
Rev.2.4 2009-03-04
SIDC81D120H8 INFINEON-SIDC81D120H8 Datasheet
175Kb / 8P
Fast switching emitter controlled 3 diode chip
Revision 1.10 2022-04-01
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com