| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
MC10EP90
|
136Kb / 9P |
??.3V / ??V Triple ECL Input to LVPECL/PECL Output Translator
November, 2006 ??Rev. 6 |
|
MC100EL90
|
111Kb / 5P |
??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3 |
|
MC100EL91
|
111Kb / 6P |
5 V Triple PECL Input to ?? V ECL Output Translator
November, 2006 ??Rev. 6 |
|
MC100LVEL90
|
112Kb / 6P |
??.3V / ??V Triple ECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11 |
|
MC100LVEL91
|
111Kb / 6P |
3.3 V Triple LVPECL Input to ??.3 V to ??.0 V ECL Output Translator
November, 2006 ??Rev. 10 |
|
MC10EP90
|
92Kb / 9P |
Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7 |
|
MC100EL90
|
147Kb / 6P |
-3.3 V / -5V Triple ECL Input to PECL Output Translator
July, 2016 ??Rev. 4 |
|
MC100EL91
|
150Kb / 5P |
5 V Triple PECL Input to -5 V ECL Output Translator
July, 2016 ??Rev. 8 |
|
MC100LVEL91
|
146Kb / 6P |
3.3 V Triple LVPECL Input to -3.3 V to -5.0 V ECL Output Translator
July, 2016 ??Rev. 12 |
|
MC100LVEL92
|
147Kb / 5P |
5V Triple PECL Input to LVPECL Output Translator
July, 2016 ??Rev. 13 |