Electronic Components Datasheet Search
  English  ▼

X  

XR8052 Datasheet (PDF) - Exar Corporation

XR8052 Datasheet PDF - Exar Corporation
Part # XR8052
Download  XR8052 Download
File Size   1756.05 Kbytes
Page   27 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Low Cost, High Speed Rail-to-Rail Amplifiers

XR8052 Datasheet (PDF)

Go To PDF Page Download Datasheet
XR8052 Datasheet PDF - Exar Corporation

Part # XR8052
Download  XR8052 Click to download

File Size   1756.05 Kbytes
Page   27 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Low Cost, High Speed Rail-to-Rail Amplifiers

XR8052 Datasheet (HTML) - Exar Corporation


XR8052 Product details

General Description
The XR8051 (single), XR8052 (dual) and XR8054(quad) are low cost, voltage feedback amplifers. These amplifers are designed to operate on +3V to +5V, or ±5V supplies. The input voltage range extends 300mV below the negative rail and 0.9V below the positive rail.

FEATURES
■  175MHz bandwidth
■  Fully specifed at +3V, +5V and +/-5V supplies
■  Output voltage range: 0.03V to 4.95V; Vs = +5; RL = 2kΩ
■  Input voltage range: -0.3V to +4.1V; Vs = +5
■  190V/μs slew rate
■  2.6mA supply current per amplifer
■  ±100mA linear output current
■  ±125mA short circuit current
■  XR8051 directly replaces AD8051, AD8091
■  XR8052 directly replaces AD8052, AD8092
■  XR8054 directly replaces AD8054

APPLICATIONS
■  Video driver
■  Video surveillance and distribution
■  A/D driver
■  Active flters
■  CCD imaging systems
■  CD/DVD ROM
■  Coaxial cable drivers
■  High capacitive load driver
■  Portable/battery-powered applications
■  Twisted pair driver
■  Telecom and optical terminals




Similar Part No. - XR8052

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR8052ASO8X EXAR-XR8052ASO8X Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
More results


Similar Description - XR8052

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8051 AD-AD8051 Datasheet
267Kb / 16P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV.B
AD8091 AD-AD8091 Datasheet
229Kb / 16P
Low-Cost, High-Speed Rail-to-Rail Amplifiers
5/02-Data Sheet changed from REV. 0 to REV. A.
AD8051 AD-AD8051_06 Datasheet
502Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. G
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051ART AD-AD8051ART Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8051 AD-AD8051_15 Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8052 AD-AD8052_15 Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8092 AD-AD8092_15 Datasheet
548Kb / 21P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8091 AD-AD8091_16 Datasheet
292Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. C
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com