Electronic Components Datasheet Search
  English  ▼

X  

SP3232EUCA-L Datasheet (PDF) - Exar Corporation

SP3232EUCA-L Datasheet PDF - Exar Corporation
Part # SP3232EUCA-L
Download  SP3232EUCA-L Download
File Size   1227.94 Kbytes
Page   20 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 3.3V, 1000 kbps RS-232 Transceivers

SP3232EUCA-L Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3232EUCA-L Datasheet PDF - Exar Corporation

Part # SP3232EUCA-L
Download  SP3232EUCA-L Click to download

File Size   1227.94 Kbytes
Page   20 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 3.3V, 1000 kbps RS-232 Transceivers

SP3232EUCA-L Datasheet (HTML) - Exar Corporation


SP3232EUCA-L Product details

DESCRIPTION
The SP3222EU and the SP3232EU are 2 driver, 2 receiver RS-232 transceiver solutions intended for portable or hand-held applications such as notebook or palmtop computers. Their data transmission rate of 1000 kbps meets the demands of high speed RS-232 ap plications. The SP3222EU/SP3232EU series has a high-effciency, charge-pump power supply that requires only 0.1µF capacitors in 3.3V operation. This charge pump allows the SP3222EU/SP3232EU series to deliver true RS-232 performance from a single power supply ranging from +3.0V to +5.5V. The ESD tolerance of the SP3222EU/SP3232EU devices are over +/-15kV for both Human Body Model and IEC61000-4-2 Air discharge test methods. The SP3222EU device has a low-power shutdown mode where the devices driver outputs and charge pumps are disabled. During shutdown, the supply current falls to less than 1µA.

FEATURES
■ Meets true EIA/TIA-232-F Standards from a +3.0V to +5.5V power supply
■ Minimum 1000kbps Data Rate
■ 1µA Low Power Shutdown with Receivers active (SP3222EU)
■ Interoperable with RS-232 down to a +2.7V power source
■ Enhanced ESD Specifcations: +15kV Human Body Model +15kV IEC61000-4-2 Air Discharge +8kV IEC61000-4-2 Contact Discharge
■ Ideal for Handheld, Battery Operated Applications




Similar Part No. - SP3232EUCA-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3232EUCA SIPEX-SP3232EUCA Datasheet
139Kb / 20P
3.3V, 1000 Kbps RS-232 Transceivers
SP3232EUCA SIPEX-SP3232EUCA Datasheet
285Kb / 20P
3.3V, 1000 Kbps RS-232 Transceivers
SP3232EUCA/TR SIPEX-SP3232EUCA/TR Datasheet
285Kb / 20P
3.3V, 1000 Kbps RS-232 Transceivers
More results


Similar Description - SP3232EUCA-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222EH SIPEX-SP3222EH Datasheet
174Kb / 19P
3.3V, 460 Kbps RS-232 Transceivers
SP3222EH SIPEX-SP3222EH Datasheet
138Kb / 19P
3.3V, 460 Kbps RS-232 Transceivers
SP3222EU SIPEX-SP3222EU Datasheet
139Kb / 20P
3.3V, 1000 Kbps RS-232 Transceivers
SP3222H SIPEX-SP3222H Datasheet
147Kb / 17P
3.3V, 460 Kbps RS-232 Transceivers
SP3222EH SIPEX-SP3222EH_06 Datasheet
179Kb / 19P
3.3V, 460 Kbps RS-232 Transceivers
SP3222EU SIPEX-SP3222EU_06 Datasheet
285Kb / 20P
3.3V, 1000 Kbps RS-232 Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
logo
Exar Corporation
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
5V RS-232 Serial Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com