Electronic Components Datasheet Search
  English  ▼

X  

CLC2050 Datasheet (PDF) - Exar Corporation

CLC2050 Datasheet PDF - Exar Corporation
Part # CLC2050
Download  CLC2050 Download
File Size   1519.48 Kbytes
Page   17 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Low Power, 3V to 36V, Single/Dual/Quad Amplifiers

CLC2050 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLC2050 Datasheet PDF - Exar Corporation

Part # CLC2050
Download  CLC2050 Click to download

File Size   1519.48 Kbytes
Page   17 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Low Power, 3V to 36V, Single/Dual/Quad Amplifiers

CLC2050 Datasheet (HTML) - Exar Corporation




Similar Part No. - CLC2050

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2050 CADEKA-CLC2050 Datasheet
2Mb / 17P
Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
CLC2050ISO8X CADEKA-CLC2050ISO8X Datasheet
2Mb / 17P
Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
More results


Similar Description - CLC2050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112 Datasheet
167Kb / 12P
Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
logo
Cadeka Microcircuits LL...
CLC1050 CADEKA-CLC1050 Datasheet
2Mb / 17P
Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
logo
ON Semiconductor
LMV321 ONSEMI-LMV321 Datasheet
250Kb / 20P
Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
August, 2009 ??Rev. 8
logo
Cadeka Microcircuits LL...
LM358 CADEKA-LM358 Datasheet
1Mb / 15P
Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
Rev 1A
logo
Texas Instruments
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
logo
Maxim Integrated Produc...
MAX44244 MAXIM-MAX44244 Datasheet
905Kb / 13P
36V, Precision, Low-Power, 90μA, Single/Quad/Dual Op Amps
Rev 1; 6/13
logo
3PEAK INC.
LM393 3PEAK-LM393 Datasheet
1Mb / 13P
36V Low Power Dual/Quad Differential Comparators
LM2903 3PEAK-LM2903 Datasheet
651Kb / 12P
36V Low Power Dual/Quad Differential Comparators
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112_V01 Datasheet
577Kb / 12P
Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com