Electronic Components Datasheet Search
  English  ▼

X  

MIIC5271BM5 Datasheet (PDF) - Micrel Semiconductor

MIIC5271BM5 Datasheet PDF - Micrel Semiconductor
Part # MIIC5271BM5
Download  MIIC5271BM5 Download
File Size   117.73 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description UCAP NEGATIVE LOW DROPOUT REGULATOR

MIIC5271BM5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIIC5271BM5 Datasheet PDF - Micrel Semiconductor

Part # MIIC5271BM5
Download  MIIC5271BM5 Click to download

File Size   117.73 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description UCAP NEGATIVE LOW DROPOUT REGULATOR

MIIC5271BM5 Datasheet (HTML) - Micrel Semiconductor


MIIC5271BM5 Product details

General Description
The MIC5271 is a µCap 100mA negative regulator in a SOT-23-5 package. With better than 2% initial accuracy, this regulator provides a very accurate supply voltage for applications that require a negative rail. The MIC5271 sinks 100mA of output current at very low dropout voltage (600mV maximum at 100mA of output current).

Features
• Stable with ceramic or tantalum capacitor
• Positive and negative enable thresholds
• Low dropout voltage: 500mV @ 100mA
• Low ground current: 35µA @ load = 100µA
• Tight initial accuracy: ±2%
• Tight load and line regulation
• Thermal shutdown
• Current limiting
• IttyBitty SOT-23-5 packaging
• Zero-current off-mode

Applications
• GaAsFET bias
• Portable cameras and video recorders
• PDAs
• Battery-powered equipment
• Post-regulation of DC-DC converters




Similar Part No. - MIIC5271BM5

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MII100-12A3 IXYS-MII100-12A3 Datasheet
118Kb / 4P
IGBT Modules
MII145-12A3 IXYS-MII145-12A3 Datasheet
109Kb / 4P
IGBT Modules - Short Circuit SOA Capability Square RBSOA
MII150-12A4 IXYS-MII150-12A4 Datasheet
120Kb / 4P
IGBT Modules Short Circuit SOA Capability Square RBSOA
MII200-12A4 IXYS-MII200-12A4 Datasheet
115Kb / 4P
IGBT Modules - Short Circuit SOA Capability Square RBSOA
MII300-12A4 IXYS-MII300-12A4 Datasheet
120Kb / 4P
IGBT Modules
More results


Similar Description - MIIC5271BM5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
Negative Low Dropout Regulator
logo
Micrel Semiconductor
MIC3975 MICREL-MIC3975 Datasheet
104Kb / 12P
750mA UCap Low-Voltage Low-Dropout Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
150mA UCap Ultra-Low Dropout LDO Regulator
MIC3775 MICREL-MIC3775 Datasheet
139Kb / 14P
750mA UCap Low-Voltage Low-Dropout Regulator
logo
National Semiconductor ...
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2990S-5 TI-LM2990S-5 Datasheet
1Mb / 20P
LM2990 Negative Low Dropout Regulator
LM2990T-15 TI1-LM2990T-15 Datasheet
1Mb / 20P
LM2990 Negative Low Dropout Regulator
LM2990 TI-LM2990_15 Datasheet
1Mb / 24P
LM2990 Negative Low-Dropout Regulator
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
Negative Low Dropout Adjustable Regulator
LM2991QML TI1-LM2991QML Datasheet
414Kb / 15P
Negative Low Dropout Adjustable Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com