Electronic Components Datasheet Search
  English  ▼

X  

BD8306MUV Datasheet (PDF) - Rohm

BD8306MUV Datasheet PDF - Rohm
Part # BD8306MUV
Download  BD8306MUV Download
File Size   1756.48 Kbytes
Page   29 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Integrated 2.0A MOSFET 1ch Buck-Boost Converter

BD8306MUV Datasheet (PDF)

Go To PDF Page Download Datasheet
BD8306MUV Datasheet PDF - Rohm

Part # BD8306MUV
Download  BD8306MUV Click to download

File Size   1756.48 Kbytes
Page   29 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Integrated 2.0A MOSFET 1ch Buck-Boost Converter

BD8306MUV Datasheet (HTML) - Rohm


BD8306MUV Product details

General Description
ROHM’s highly-efficient buck-boost converter BD8306MUV produces buck-boost output voltage including 3.3 V from two-cell or three-cell alkaline battery, or one-cell lithium-ion battery with just one inductor. This IC adopts the original buck-boost drive system and creates a more efficient power supply than the conventional SEPIC-system or H-bridge system switching regulators.

Features
■ Highly-Efficient Buck-Boost DC/DC Converter
   Constructed with just one Inductor.
■ Maximum output current changes depending on the
   input and output voltages. Input current for PVCC
   terminal should be less than 2.0A including the DC
   current and ripple current of the inductor. Please
   refer to Figure 25 and Figure 34 for details about
   the maximum output current at 3.3V and 5.0V
   output.
■ Incorporates a Soft-Start Function.
■ Incorporates a Timer Latch System with Short
   Protection Function.

Application
■ General Portable Equipment
■ DSC
■ DVC
■ Cellular Phone
■ PDA
■ LED




Similar Part No. - BD8306MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD83064MWF-C ROHM-BD83064MWF-C Datasheet
2Mb / 78P
64-Channel Constant Current Drivers Embedded Backlight LED Driver for Automotive
14.Nov.2025 Rev.001
BD83064MWF-CE2 ROHM-BD83064MWF-CE2 Datasheet
2Mb / 78P
64-Channel Constant Current Drivers Embedded Backlight LED Driver for Automotive
14.Nov.2025 Rev.001
More results


Similar Description - BD8306MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8960NV ROHM-BD8960NV_12 Datasheet
988Kb / 19P
2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD8961NV ROHM-BD8961NV_12 Datasheet
842Kb / 18P
4.5V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD9111NV ROHM-BD9111NV_12 Datasheet
878Kb / 19P
4.0V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD9130NV ROHM-BD9130NV_12 Datasheet
931Kb / 20P
2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD9130NV-E2 ROHM-BD9130NV-E2 Datasheet
891Kb / 20P
2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD9G341AEFJ-LB ROHM-BD9G341AEFJ-LB Datasheet
2Mb / 30P
1ch Buck Converter Integrated FET
BD8311NUV ROHM-BD8311NUV_15 Datasheet
1Mb / 25P
Integrated 2.5A MOSFET 1ch Boost Converter
BD8312HFN ROHM-BD8312HFN_15 Datasheet
1Mb / 25P
1ch Synchronous Buck Converter Integrated MOSFET
BD8313HFN ROHM-BD8313HFN_15 Datasheet
1Mb / 31P
1ch Synchronous Buck Converter Integrated MOSFET
BD8314NUV ROHM-BD8314NUV_15 Datasheet
1Mb / 25P
Integrated 2.5A MOSFET 1ch Boost Converter
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com