Electronic Components Datasheet Search
  English  ▼

X  

B1511A Datasheet (PDF) - Agilent(Hewlett-Packard)

B1511A Datasheet PDF - Agilent(Hewlett-Packard)
Part # B1511A
Download  B1511A Download
File Size   300.78 Kbytes
Page   23 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Agilent B1500A Semiconductor Device Analyzer

B1511A Datasheet (PDF)

Go To PDF Page Download Datasheet
B1511A Datasheet PDF - Agilent(Hewlett-Packard)

Part # B1511A
Download  B1511A Click to download

File Size   300.78 Kbytes
Page   23 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Agilent B1500A Semiconductor Device Analyzer

B1511A Datasheet (HTML) - Agilent(Hewlett-Packard)


B1511A Product details

Introduction
The Agilent B1500A Semiconductor Device Analyzer with EasyEXPERT software is a complete parametric test solution. It supports all aspects of parametric test, from basic manual measurement to test automation across a wafer in conjunction with a semiautomatic wafer prober. Because the B1500A utilizes the Microsoft® Windows® XP Professional operating system, it integrates easily into your PC-based work environment. Best of all, the familiar Windows graphical user interface (GUI) and convenient online help menus minimize the need for instrument training.

Basic Features
• PC-based instrument with touch screen interface; optional USB keyboard and mouse available
• EasyEXPERT software with over 200 categorized application tests supplied with the instrument
• Performs current versus voltage (IV) measurements
• Performs capacitance versus voltage (CV), capacitance versus time (Ct) and capacitance versus frequency (Cf) measurements
• Performs quasi-static CV (QSCV) measurements
• High voltage pulse forcing up to 40 V with ALWG and voltage monitor capabilities.
• Performs fast IV measurement synchronized with the applied waveforms for accurate transient IV or time-domain measurements
• Front-panel Classic Test measurement modes supported: single-channel sweep, multi-channel sweep, time sampling, list sweep, CV sweep and direct control (GPIB FLEX)
• GUI-based control of the Agilent B2200A, and B2201A switching matrices
• Modular mainframe with ten module slots and one 4.2 A ground unit
• Multiple source/monitor unit (SMU) types available: medium power (MPSMU), high-power (HPSMU), and high-resolution (HRSMU)
• Multi-frequency capacitance measurement unit (MFCMU) available
• High-voltage semiconductor pulse generator unit (HV-SPGU) available
• Waveform generator/fast measurement unit (WGFMU) available
• High-resolution, analog-to-digital converter (ADC) available to all installed SMUs
• High-speed ADC present on each installed SMU
• SMU/AUX path switching supported on the atto-sense and switch unit (ASU)
• SMU/MFCMU switching supported using SMU CMU unify unit (SCUU) and guard switch unit (GSWU)
• MFCMU automatically identifies capacitance measurement accessories
• WGFMU/SMU path switching supported on the remote-sense and switch unit (RSU)
• GPIB port for instrument control
• Self-test, self-calibration, diagnostics




Similar Part No. - B1511A

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B1511ERU MPD-B1511ERU Datasheet
248Kb / 2P
B1500ERU SERIES
B1511ERW MPD-B1511ERW Datasheet
233Kb / 2P
Low Cost, 1 x 2 Inch 15W, 2:1 Input Range DC/DC Converters
B1511RU MPD-B1511RU Datasheet
264Kb / 2P
Ultra-Wide Input 15W Single & Dual Output DC/DC Converters
B1511RU MPD-B1511RU Datasheet
272Kb / 2P
B1500RU SERIES
B1511RW MPD-B1511RW Datasheet
265Kb / 2P
Compact 1 x 2 Inch 15W Wide Input Range DC/DC Converters
More results


Similar Description - B1511A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
B1500A KEYSIGHT-B1500A Datasheet
2Mb / 36P
Semiconductor Device Analyzer
B1510A KEYSIGHT-B1510A Datasheet
2Mb / 36P
Semiconductor Device Analyzer
B1514A KEYSIGHT-B1514A Datasheet
2Mb / 36P
Semiconductor Device Analyzer
B1520A KEYSIGHT-B1520A Datasheet
2Mb / 36P
Semiconductor Device Analyzer
B1525A KEYSIGHT-B1525A Datasheet
2Mb / 36P
Semiconductor Device Analyzer
B1530A KEYSIGHT-B1530A Datasheet
2Mb / 36P
Semiconductor Device Analyzer
B1542A KEYSIGHT-B1542A Datasheet
405Kb / 2P
Renew Your B1500A/B1505A Device Analyzer Mainframe for the Latest Windows and PC Configuration
CX1101A KEYSIGHT-CX1101A Datasheet
4Mb / 32P
Device Current Waveform Analyzer
CX1103A KEYSIGHT-CX1103A Datasheet
4Mb / 32P
Device Current Waveform Analyzer
CX1152A KEYSIGHT-CX1152A Datasheet
4Mb / 32P
Device Current Waveform Analyzer
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com