Electronic Components Datasheet Search
  English  ▼

X  

SSF3637 Datasheet (PDF) - GOOD-ARK Electronics

SSF3637 Datasheet PDF - GOOD-ARK Electronics
Part # SSF3637
Download  SSF3637 Download
File Size   412.84 Kbytes
Page   4 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description 30V Dual P-Channel MOSFET

SSF3637 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSF3637 Datasheet PDF - GOOD-ARK Electronics

Part # SSF3637
Download  SSF3637 Click to download

File Size   412.84 Kbytes
Page   4 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description 30V Dual P-Channel MOSFET

SSF3637 Datasheet (HTML) - GOOD-ARK Electronics


SSF3637 Product details

DESCRIPTION
The SSF3637 uses advanced trench technology to provide excellent RDS(ON), low gate charge. It has been optimized for power management applications requiring a wide range of gave drive voltage ratings (4.5V – 25V).

GENERAL FEATURES
● VDS = -30V,ID = -5A
   RDS(ON) < 87mΩ @ VGS=-4.5V
   RDS(ON) < 52mΩ @ VGS=-10V
● High Power and current handing capability
● Lead free product
● Surface Mount Package

APPLICATIONS
● Battery protection
● Load switch
● Power management




Similar Part No. - SSF3637

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF3637 SILIKRON-SSF3637 Datasheet
509Kb / 5P
Battery protection
SSF3637S SILIKRON-SSF3637S Datasheet
317Kb / 5P
High Power and current handing capability
logo
GOOD-ARK Electronics
SSF3637S GOOD-ARK-SSF3637S Datasheet
409Kb / 4P
30V P-Channel MOSFET
SSF3637S GOOD-ARK-SSF3637S_15 Datasheet
409Kb / 4P
30V P-Channel MOSFET
SSF3637 GOOD-ARK-SSF3637_15 Datasheet
423Kb / 4P
30V Dual P-Channel MOSFET
More results


Similar Description - SSF3637

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4803 AOSMD-AO4803_11 Datasheet
614Kb / 6P
30V Dual P-Channel MOSFET
AO4807 AOSMD-AO4807_11 Datasheet
623Kb / 6P
30V Dual P-Channel MOSFET
AO4815 AOSMD-AO4815_10 Datasheet
174Kb / 4P
30V Dual P-Channel MOSFET
AO6801 AOSMD-AO6801_11 Datasheet
276Kb / 5P
30V Dual P-Channel MOSFET
AO6801A AOSMD-AO6801A Datasheet
336Kb / 5P
30V Dual P-Channel MOSFET
AO6801E AOSMD-AO6801E Datasheet
308Kb / 5P
30V Dual P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF3641 GOOD-ARK-SSF3641_15 Datasheet
777Kb / 6P
30V Dual P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOSD21313C AOSMD-AOSD21313C Datasheet
334Kb / 5P
30V Dual P-Channel MOSFET
Rev.1.1: September 2019
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com