Electronic Components Datasheet Search
  English  ▼

X  

EL1519CSZ Datasheet (PDF) - Intersil Corporation

EL1519CSZ Datasheet PDF - Intersil Corporation
Part # EL1519CSZ
Download  EL1519CSZ Download
File Size   98.11 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Medium Power Differential Line Driver

EL1519CSZ Datasheet (PDF)

Go To PDF Page Download Datasheet
EL1519CSZ Datasheet PDF - Intersil Corporation

Part # EL1519CSZ
Download  EL1519CSZ Click to download

File Size   98.11 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Medium Power Differential Line Driver

EL1519CSZ Datasheet (HTML) - Intersil Corporation


EL1519CSZ Product details

The EL1519 is a dual operational amplifier designed for customer premise line driving in DMT ADSL solutions. This device features a high drive capability of 250mA while consuming only 7.1mA of supply current per amplifier and operating from a single 5V to 12V supply. This driver achieves a typical distortion of less than -85dBc, at 150kHz into a 25Ω load. The EL1519 is available in the industry standard 8-pin SO. This device is optimized to use low feedback resistor values to minimize noise in ADSL systems.

The EL1519 is ideal for ADSL, SDSL, HDSL2 and VDSL line driving applications.



Features

• Drives up to 250mA from a +12V supply

• 20VP-P differential output drive into 100Ω

• -85dBc typical driver output distortion at full output at 150kHz

• Low quiescent current of 7.5mA per amplifier



Applications

• ADSL G.lite CO line driving

• ADSL full rate CPE line driving

• G.SHDSL, HDSL2 line driver

• Video distribution amplifier

• Video twisted-pair line driver

• Pb-free available



 




Similar Part No. - EL1519CSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1519CSZ INTERSIL-EL1519CSZ Datasheet
202Kb / 9P
Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1519CSZ RENESAS-EL1519CSZ Datasheet
474Kb / 9P
Medium Power Differential Line Driver
April 10, 2007
logo
Intersil Corporation
EL1519CSZ-T13 INTERSIL-EL1519CSZ-T13 Datasheet
202Kb / 9P
Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1519CSZ-T13 RENESAS-EL1519CSZ-T13 Datasheet
474Kb / 9P
Medium Power Differential Line Driver
April 10, 2007
logo
Intersil Corporation
EL1519CSZ-T7 INTERSIL-EL1519CSZ-T7 Datasheet
202Kb / 9P
Medium Power Differential Line Driver
More results


Similar Description - EL1519CSZ

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL1507C ELANTEC-EL1507C Datasheet
151Kb / 2P
Medium Power Differential Line Driver
EL1509C ELANTEC-EL1509C Datasheet
149Kb / 2P
Medium Power Differential Line Driver
logo
Intersil Corporation
EL1506 INTERSIL-EL1506 Datasheet
86Kb / 2P
Medium Power Differential Line Driver
December 9, 2002
EL1509 INTERSIL-EL1509 Datasheet
59Kb / 2P
Medium Power Differential Line Driver
June 24, 2004
EL1511 INTERSIL-EL1511 Datasheet
73Kb / 2P
Medium Power Differential Line Driver
February 10, 2005
EL1507 INTERSIL-EL1507_07 Datasheet
410Kb / 16P
Medium Power Differential Line Driver
March 26, 2007
EL1511 INTERSIL-EL1511_07 Datasheet
442Kb / 18P
Medium Power Differential Line Driver
EL1506 INTERSIL-EL1506_05 Datasheet
47Kb / 2P
Medium Power Differential Line Driver
April 18, 2005
EL1510 INTERSIL-EL1510 Datasheet
227Kb / 10P
Medium Power Differential Line Driver
March 26, 2007
logo
Renesas Technology Corp
EL1509 RENESAS-EL1509 Datasheet
525Kb / 10P
Medium Power Differential Line Driver
March 26, 2007
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com