Electronic Components Datasheet Search
  English  ▼

X  

CY7C4201V Datasheet (PDF) - Cypress Semiconductor

CY7C4201V Datasheet PDF - Cypress Semiconductor
Part # CY7C4201V
Download  CY7C4201V Download
File Size   263.58 Kbytes
Page   17 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs

CY7C4201V Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C4201V Datasheet PDF - Cypress Semiconductor

Part # CY7C4201V
Download  CY7C4201V Click to download

File Size   263.58 Kbytes
Page   17 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs

CY7C4201V Datasheet (HTML) - Cypress Semiconductor


CY7C4201V Product details

Features
• High-speed, low-power, first-in, first-out (FIFO) memories
• 64 x 9 (CY7C4421V)
• 256 x 9 (CY7C4201V)
• 512 x 9 (CY7C4211V)
• 1K x 9 (CY7C4221V)
• 2K x 9 (CY7C4231V)
• 4K x 9 (CY7C4241V)
• 8K x 9 (CY7C4251V)
• High-speed 66-MHz operation (15-ns read/write cycle time)
• Low power (ICC = 20 mA)
• 3.3V operation for low power consumption and easy integration into low-voltage systems
• 5V-tolerant inputs VIH max = 5V
• Fully asynchronous and simultaneous read and write operation
• Empty, Full, and Programmable Almost Empty and Almost Full status flags
• TTL compatible
• Output Enable (OE) pin
• Independent read and write enable pins
• Center power and ground pins for reduced noise




Similar Part No. - CY7C4201V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4201V CYPRESS-CY7C4201V Datasheet
520Kb / 18P
Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4201V-15AC CYPRESS-CY7C4201V-15AC Datasheet
520Kb / 18P
Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4201V-15AXC CYPRESS-CY7C4201V-15AXC Datasheet
520Kb / 18P
Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4201V-25AC CYPRESS-CY7C4201V-25AC Datasheet
520Kb / 18P
Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
More results


Similar Description - CY7C4201V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4225V CYPRESS-CY7C4225V Datasheet
562Kb / 20P
64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com