Electronic Components Datasheet Search
  English  ▼

X  

I5102X Datasheet (PDF) - Winbond

I5102X Datasheet PDF - Winbond
Part # I5102X
Download  I5102X Download
File Size   612.1 Kbytes
Page   88 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY

I5102X Datasheet (PDF)

Go To PDF Page Download Datasheet
I5102X Datasheet PDF - Winbond

Part # I5102X
Download  I5102X Click to download

File Size   612.1 Kbytes
Page   88 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY

I5102X Datasheet (HTML) - Winbond


I5102X Product details

GENERAL DESCRIPTION
The ISD5100 ChipCorder Series provide high quality, fully integrated, single-chip Record/Playback solutions for 1- to 16-minute messaging applications that are ideal for use in cellular phones, automotive communications, GPS/navigation systems and other portable products. The ISD5100 Series products are an enhancement of the ISD5000 architecture, providing: 1) the I2C serial port - address, control and duration selection are accomplished through an I2C interface to minimize pin count (ONLY two control lines required); 2) the capability of storing digital data, in addition to analog data. This feature allows customers to store phone numbers, system configuration parameters and message address locations for message management capability; 3) Various internal circuit blocks can be individually powered-up or -down for power saving.

FEATURES
Fully-Integrated Solution
• Single-chip voice record/playback solution
• Dual storage of digital and analog data
• Durations
   ► 8 to 16-minute (ISD5116)
   ► 4 to 8-minute (ISD5108)
   ► 2 to 4-minute (ISD5104)
   ► 1 to 2-minute (ISD5102)

Low Power Consumption
• +2.7 to +3.3V (VCC) Supply Voltage
• Supports 2.0V and 3.0V interface logic
• Operating Current:
   ► ICC Play = 15 mA (typical)
   ►ICC Rec = 30 mA (typical)
   ►ICC Feedthrough = 12 mA (typical)
• Standby Current:
   ► ISB = 1µA (typical)
• Most stages can be individually powered down to minimize power consumption

Enhanced Voice Features
• One or two-way conversation record
• One or two-way message playback
• Voice memo record and playback
• Private call screening
• In-terminal answering machine
• Personalized outgoing message
• Private call announce while on call

Digital Memory Features
• Up to 4 Mb available (ISD5116)
• Up to 2 Mb available (ISD5108)
• Up to 1 Mb available (ISD5104)
• Up to 512Kb available (ISD5102)
• Storage of phone numbers, system configuration parameters and message address table in cellular application

Easy-to-use and Control
• No compression algorithm development required
• User-controllable sampling rates
• Programmable analog interface
• Standard & Fast mode I2C serial interface (100kHz – 400 kHz)
• Fully addressable for multiple messages

High Quality Solution
• High quality voice and music reproduction
• Winbond’s standard 100-year message retention (typical)
• 100K record cycles (typical) for analog data
• 10K record cycles (typical) for digital data

Options
• Available in die form, TSOP and SOIC and PDIP (ISD5116 Only)
• Temperature: Commercial – Packaged (0 to +70°C) & die (0 to +50°C); Industrial (-40 to +85°C)




Similar Part No. - I5102X

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
I5102EY NUVOTON-I5102EY Datasheet
678Kb / 90P
SINGLE-CHIP
I5102EYI NUVOTON-I5102EYI Datasheet
678Kb / 90P
SINGLE-CHIP
I5102SY NUVOTON-I5102SY Datasheet
678Kb / 90P
SINGLE-CHIP
I5102SYI NUVOTON-I5102SYI Datasheet
678Kb / 90P
SINGLE-CHIP
More results


Similar Description - I5102X

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD5116 WINBOND-ISD5116 Datasheet
735Kb / 57P
Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD5100 NUVOTON-ISD5100 Datasheet
1Mb / 87P
SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com