Electronic Components Datasheet Search
  English  ▼

X  

SBL2030CT Datasheet (PDF) - Diode Semiconductor Korea

SBL2030CT Datasheet PDF - Diode Semiconductor Korea
Part # SBL2030CT
Download  SBL2030CT Download
File Size   258.06 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SCHOTTKY BARRIER RECTIFIER

SBL2030CT Datasheet (PDF)

Go To PDF Page Download Datasheet
SBL2030CT Datasheet PDF - Diode Semiconductor Korea

Part # SBL2030CT
Download  SBL2030CT Click to download

File Size   258.06 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SCHOTTKY BARRIER RECTIFIER

SBL2030CT Datasheet (HTML) - Diode Semiconductor Korea


SBL2030CT Product details

VOLTAGE RANGE: 30 --- 100 V CURRENT: 20 A

FEATURES
◇ Metal-Semiconductor junction with guardring
◇ Epitaxial construction
◇ Low forward voltage drop,low switching losses
◇ High surge capability
◇ For use in low voltage,high frequency inverters free
   heeling,and polarity protection applications
◇ The plastic material carries U/L recognition 94V-0




Similar Part No. - SBL2030CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL2030CT DIODES-SBL2030CT Datasheet
66Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23015 Rev. F-2
logo
General Semiconductor
SBL2030CT GE-SBL2030CT Datasheet
85Kb / 2P
SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SBL2030CT GOOD-ARK-SBL2030CT Datasheet
250Kb / 3P
Dual Low VF Schottky Barrier Rectifiers
logo
Diodes Incorporated
SBL2030CT DIODES-SBL2030CT Datasheet
76Kb / 3P
20A SCHOTTKY BARRIER RECTIFIER
DS23015 Rev. 7 - 2
logo
Galaxy Semi-Conductor H...
SBL2030CT BILIN-SBL2030CT Datasheet
242Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SBL2030CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com