Electronic Components Datasheet Search
  English  ▼

X  

UPA1770 Datasheet (PDF) - Renesas Technology Corp

UPA1770 Datasheet PDF - Renesas Technology Corp
Part # UPA1770
Download  UPA1770 Download
File Size   200.2 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Old Company Name in Catalogs and Other Documents

UPA1770 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA1770 Datasheet PDF - Renesas Technology Corp

Part # UPA1770
Download  UPA1770 Click to download

File Size   200.2 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Old Company Name in Catalogs and Other Documents

UPA1770 Datasheet (HTML) - Renesas Technology Corp


UPA1770 Product details

DESCRIPTION
The µPA1770 is a P-channel MOS Field Effect Transistor designed for power management applications of portable machines.

FEATURES
• Dual chip type
• Low on-resistance
    RDS(on)1 = 37 mΩ MAX. (VGS = –4.5 V, ID = –3.0 A)
    RDS(on)2 = 39 mΩ MAX. (VGS = –4.0 V, ID = –3.0 A)
    RDS(on)3 = 59 mΩ MAX. (VGS = –2.5 V, ID = –3.0 A)
• Low input capacitance
    Ciss = 1300 pF TYP.
• Built-in G-S protection diode
• Small and surface mount package (Power SOP8)




Similar Part No. - UPA1770

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1770 NEC-UPA1770 Datasheet
66Kb / 8P
SWITCHING DUAL P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1770G NEC-UPA1770G Datasheet
66Kb / 8P
SWITCHING DUAL P-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Similar Description - UPA1770

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2221 RENESAS-2SK2221 Datasheet
91Kb / 8P
Old Company Name in Catalogs and Other Documents
HD64F3642AHV RENESAS-HD64F3642AHV Datasheet
3Mb / 551P
Old Company Name in Catalogs and Other Documents
HD64F3644PV RENESAS-HD64F3644PV Datasheet
3Mb / 551P
Old Company Name in Catalogs and Other Documents
UPA1774G-E1-A RENESAS-UPA1774G-E1-A Datasheet
305Kb / 10P
Old Company Name in Catalogs and Other Documents
HD64F7047F50 RENESAS-HD64F7047F50 Datasheet
4Mb / 766P
Old Company Name in Catalogs and Other Documents
HD64F7144F50V RENESAS-HD64F7144F50V Datasheet
5Mb / 932P
Old Company Name in Catalogs and Other Documents
RD20FM-T1-AZ RENESAS-RD20FM-T1-AZ Datasheet
334Kb / 10P
Old Company Name in Catalogs and Other Documents
HD64F3664FPV RENESAS-HD64F3664FPV Datasheet
2Mb / 446P
Old Company Name in Catalogs and Other Documents
74LS14P-E RENESAS-74LS14P-E Datasheet
129Kb / 9P
Old Company Name in Catalogs and Other Documents
2SB1114 RENESAS-2SB1114 Datasheet
1Mb / 6P
Old Company Name in Catalogs and Other Documents
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com