Electronic Components Datasheet Search
  English  ▼

X  

EGP50B Datasheet (PDF) - Diode Semiconductor Korea

EGP50B Datasheet PDF - Diode Semiconductor Korea
Part # EGP50B
Download  EGP50B Download
File Size   341.67 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description HIGH EFFICIENCY RECTIFIERS

EGP50B Datasheet (PDF)

Go To PDF Page Download Datasheet
EGP50B Datasheet PDF - Diode Semiconductor Korea

Part # EGP50B
Download  EGP50B Click to download

File Size   341.67 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description HIGH EFFICIENCY RECTIFIERS

EGP50B Datasheet (HTML) - Diode Semiconductor Korea


EGP50B Product details

VOLTAGE RANGE: 50 --- 400 V CURRENT: 5.0 A
   
FEATURES
◇ Low cost
◇ Diffused junction
◇ Low leakage
◇ Low forward voltage
◇ High current capability
◇ Easily cleaned with alcohol,Isopropanol
    and similar solvents
◇ The plastic material carries U/L recognition 94V-0
   




Similar Part No. - EGP50B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
EGP50B GE-EGP50B Datasheet
59Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
List of Unclassifed Man...
EGP50B ETC-EGP50B Datasheet
39Kb / 2P
5 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier
logo
Vishay Siliconix
EGP50B VISHAY-EGP50B Datasheet
106Kb / 4P
Glass Passivated Ultrafast Rectifier
20-Aug-07
EGP50B VISHAY-EGP50B Datasheet
80Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
logo
Shenzhen Luguang Electr...
EGP50B LUGUANG-EGP50B Datasheet
215Kb / 2P
High Efficiency Rectifiers
More results


Similar Description - EGP50B

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HER101 HY-HER101 Datasheet
35Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
SeCoS Halbleitertechnol...
HER201 SECOS-HER201 Datasheet
150Kb / 2P
High Efficiency Rectifiers
logo
Shenzhen Taychipst Elec...
UF5400 TAYCHIPST-UF5400 Datasheet
880Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
High Efficiency Rectifiers
logo
Microdiode Semiconducto...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
Digitron Semiconductors
1N5802 DIGITRON-1N5802 Datasheet
573Kb / 4P
RECTIFIERS HIGH EFFICIENCY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com