Electronic Components Datasheet Search
  English  ▼

X  

DG611DJ Datasheet (PDF) - Vishay Siliconix

DG611DJ Datasheet PDF - Vishay Siliconix
Part # DG611DJ
Download  DG611DJ Download
File Size   91.09 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Speed, Low-Glitch D/CMOS Analog Switches

DG611DJ Datasheet (PDF)

Go To PDF Page Download Datasheet
DG611DJ Datasheet PDF - Vishay Siliconix

Part # DG611DJ
Download  DG611DJ Click to download

File Size   91.09 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Speed, Low-Glitch D/CMOS Analog Switches

DG611DJ Datasheet (HTML) - Vishay Siliconix


DG611DJ Product details

DESCRIPTION
The DG611, DG612, DG613 feature high-speed low capacitance lateral DMOS switches. Charge injection has been minimized to optimize performance in fast sample-and-hold applications.

FEATURES
• Fast switching - tON: 12 ns
• Low charge injection: ± 2 pC
• Wide bandwidth: 500 MHz
• 5 V CMOS logic compatible
• Low RDS(on): 18 
• Low quiescent power : 1.2 nW
• Single supply operation

BENEFITS
• Improved data throughput
• Minimal switching transients
• Improved system performance
• Easily interfaced
• Low insertion loss
• Minimal power consumption

APPLICATIONS
• Fast sample-and-holds
• Synchronous demodulators
• Pixel-rate video switching
• Disk/tape drives
• DAC deglitching
• Switched capacitor filters
• GaAs FET drivers
• Satellite receivers




Similar Part No. - DG611DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611DJ VISHAY-DG611DJ Datasheet
130Kb / 10P
High-Speed, Low-Glitch D/CMOS Analog Switches
11-Jun-07
DG611DJ VISHAY-DG611DJ Datasheet
179Kb / 15P
High-Speed, Low-Glitch D/CMOS Analog Switches
31-Jan-11
DG611DJ VISHAY-DG611DJ Datasheet
187Kb / 15P
High-Speed, Low-Glitch D/CMOS Analog Switches
31-Jan-11
DG611DJ-E3 VISHAY-DG611DJ-E3 Datasheet
130Kb / 10P
High-Speed, Low-Glitch D/CMOS Analog Switches
11-Jun-07
DG611DJ-E3 VISHAY-DG611DJ-E3 Datasheet
179Kb / 15P
High-Speed, Low-Glitch D/CMOS Analog Switches
31-Jan-11
More results


Similar Description - DG611DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9421 VISHAY-DG9421 Datasheet
71Kb / 8P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
26-Aug-02
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
Low-Power, High-Speed CMOS Analog Switches
11-Jun-07
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
Low-Power, High-Speed CMOS Analog Switches
10-Jan-05
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
High-Speed, Low-Glitch D/CMOS Analog Switches
11-Jun-07
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
29-Sep-08
DG611 VISHAY-DG611_11 Datasheet
179Kb / 15P
High-Speed, Low-Glitch D/CMOS Analog Switches
31-Jan-11
DG9421 VISHAY-DG9421_11 Datasheet
236Kb / 14P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
18-Jul-11
DG9422 VISHAY-DG9422_V01 Datasheet
257Kb / 14P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
08-Dec-14
DG611 VISHAY-DG611_V01 Datasheet
187Kb / 15P
High-Speed, Low-Glitch D/CMOS Analog Switches
31-Jan-11
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
Low-Power, High-Speed CMOS Analog Switches
30-Nov-09
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com