Electronic Components Datasheet Search
  English  ▼

X  

DR-7401-7 Datasheet (PDF) - List of Unclassifed Manufacturers

DR-7401-7 Datasheet PDF - List of Unclassifed Manufacturers
Part # DR-7401-7
Download  DR-7401-7 Download
File Size   46.85 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DATA & CLOCK TRANSMISSION

DR-7401-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
DR-7401-7 Datasheet PDF - List of Unclassifed Manufacturers

Part # DR-7401-7
Download  DR-7401-7 Click to download

File Size   46.85 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DATA & CLOCK TRANSMISSION

DR-7401-7 Datasheet (HTML) - List of Unclassifed Manufacturers


DR-7401-7 Product details

[LuxLink]

The Litelink™ DX-7401/DT-7401/DR-7401 system consists of the DX-7401 transceiver, DT-7401 dual channel transmitter and DR-7402 dual channel receiver. All units are designed to transmit clock and companion data signals on a single fiber (per channel) by utilizing Manchester encoding and decoding of the signals. Standard digital modulation is then used to transmit the composite signal, error free, through the fiber optic cable.

Important Features
• 10 MHz Clock Rate 10 Mb/s Data Rate
• Signal/Power Indicators
• Multimode or Singlemode versions
• Stand-alone or Rack Mountable (same unit)




Similar Part No. - DR-7401-7

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
DR-75 TOTAL-POWER-DR-75 Datasheet
292Kb / 2P
75W Single Output Industrial DIN Rail Power Supply
logo
Astrodyne Corporation
DR-75 ASTRODYNE-DR-75 Datasheet
279Kb / 2P
75W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DR-75 MEANWELL-DR-75 Datasheet
104Kb / 2P
75W Single Output Industrial DIN Rail Power Supply
logo
MicroPower Direct, LLC
DR-75 MPD-DR-75 Datasheet
120Kb / 2P
Low Cost, Industrial 75W, DIN Rail Mount AC/DC Power Supplies
logo
Total Power Internation...
DR-75-12 TOTAL-POWER-DR-75-12 Datasheet
292Kb / 2P
75W Single Output Industrial DIN Rail Power Supply
More results


Similar Description - DR-7401-7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
405A ETC2-405A Datasheet
68Kb / 4P
Transmission Engineering Data
AB46 ETC2-AB46 Datasheet
125Kb / 6P
Transmission Engineering Data
PD3001 ETC2-PD3001 Datasheet
526Kb / 2P
Data Transmission Cable
logo
SICK AG
ISD300-1111 SICK-ISD300-1111 Datasheet
1Mb / 6P
OPTICAL DATA TRANSMISSION
2016-05-02
ISD300-1311 SICK-ISD300-1311 Datasheet
1Mb / 6P
OPTICAL DATA TRANSMISSION
2016-05-02
ISD300-5211 SICK-ISD300-5211 Datasheet
1Mb / 6P
OPTICAL DATA TRANSMISSION
2016-05-02
ISD300-6212 SICK-ISD300-6212 Datasheet
1Mb / 6P
OPTICAL DATA TRANSMISSION
2016-05-02
ISD400-6111 SICK-ISD400-6111 Datasheet
572Kb / 5P
OPTICAL DATA TRANSMISSION
2016-05-02
ISD400-7222 SICK-ISD400-7222 Datasheet
509Kb / 6P
OPTICAL DATA TRANSMISSION
2016-05-02
ISD400-7312 SICK-ISD400-7312 Datasheet
508Kb / 6P
OPTICAL DATA TRANSMISSION
2016-05-02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com