Electronic Components Datasheet Search
  English  ▼

X  

OZ965R Datasheet (PDF) - List of Unclassifed Manufacturers

OZ965R Datasheet PDF - List of Unclassifed Manufacturers
Part # OZ965R
Download  OZ965R Download
File Size   66.33 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High-Efficiency Inverter Controller

OZ965R Datasheet (PDF)

Go To PDF Page Download Datasheet
OZ965R Datasheet PDF - List of Unclassifed Manufacturers

Part # OZ965R
Download  OZ965R Click to download

File Size   66.33 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High-Efficiency Inverter Controller

OZ965R Datasheet (HTML) - List of Unclassifed Manufacturers


OZ965R Product details

[O2Micro]

GENERAL DESCRIPTION
The OZ965 is a single chip, high-efficiency, Cold Cathode Fluorescent Lamp (CCFL) backlight inverter controller whose primary function is to convert +5 volt DC power to approximately 600 VAC. Additionally, the OZ965 performs the lamp dimming function with an analog voltage or low frequency Pulse Width Modulation (PWM) control.

FEATURES
• Single-stage power conversion, requiring only a +5 V voltage source
• Reduces the number of components and board size by 30% compared with conventional design
• Supports both floating and grounded secondary designs
• 90% efficiency vs. typical 75% efficiency of conventional designs
• Internal open-lamp and short-circuit protections
• Wide dimming range
• Supports multiple CCFLs
• Simple and reliable 2-winding transformer design
• Eliminates leakage current when used in a floating secondary design
• Constant-frequency design eliminates interference with LCDs




Similar Part No. - OZ965R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ960 ETC1-OZ960 Datasheet
244Kb / 12P
Intelligent CCFL Inverter Controller
logo
O2Micro International L...
OZ960 O2MICRO-OZ960 Datasheet
205Kb / 12P
Intelligent CCFL Inverter Controller
10/23/01
logo
List of Unclassifed Man...
OZ960D ETC1-OZ960D Datasheet
244Kb / 12P
Intelligent CCFL Inverter Controller
OZ960G ETC1-OZ960G Datasheet
244Kb / 12P
Intelligent CCFL Inverter Controller
OZ960ID ETC1-OZ960ID Datasheet
244Kb / 12P
Intelligent CCFL Inverter Controller
More results


Similar Description - OZ965R

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6832 SIPEX-SP6832 Datasheet
212Kb / 15P
High Speed, High Efficiency Voltage Inverter
logo
Micro Linear Corporatio...
ML4863 MICRO-LINEAR-ML4863 Datasheet
215Kb / 10P
High Efficiency Flyback Controller
logo
Sipex Corporation
SP6832 SIPEX-SP6832 Datasheet
212Kb / 15P
High Speed, High Efficiency Voltage Inverter
logo
List of Unclassifed Man...
OZ962 ETC-OZ962 Datasheet
51Kb / 6P
High-Efficiency Inverter Controller
LED22V1A ETC2-LED22V1A Datasheet
24Kb / 3P
HIGH EFFICIENCY LED CONTROLLER
LED22V1A2DW ETC2-LED22V1A2DW Datasheet
275Kb / 4P
HIGH EFFICIENCY LED CONTROLLER
logo
Texas Instruments
UC2836D TI-UC2836D Datasheet
735Kb / 10P
High Efficiency Regulator Controller
UC3836DW TI-UC3836DW Datasheet
731Kb / 10P
High Efficiency Regulator Controller
logo
Monolithic Power System...
EV3900DK-00B MPS-EV3900DK-00B Datasheet
223Kb / 4P
High Efficiency Boost Controller
logo
Analog Technologies, In...
TECA2-XV-XV-DAH ANALOGTECHNOLOGIES-TECA2-XV-XV-DAH Datasheet
427Kb / 7P
High Efficiency TEC Controller
1/29/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com