Electronic Components Datasheet Search
  English  ▼

X  

MOC3042X Datasheet (PDF) - List of Unclassifed Manufacturers

MOC3042X Datasheet PDF - List of Unclassifed Manufacturers
Part # MOC3042X
Download  MOC3042X Download
File Size   84.26 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC

MOC3042X Datasheet (PDF)

Go To PDF Page Download Datasheet
MOC3042X Datasheet PDF - List of Unclassifed Manufacturers

Part # MOC3042X
Download  MOC3042X Click to download

File Size   84.26 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC

MOC3042X Datasheet (HTML) - List of Unclassifed Manufacturers


MOC3042X Product details

[ISOCOM]

DESCRIPTION
The MOC304_ Series are optically coupled isolators consisting of a Gallium Arsenide infrared emitting diode coupled with a monolithic silicon detector performing the functions of a zero crossing bilateral triac mounted in a standard 6 pin dual-in-line package.

FEATURES
• Options :-
    10mm lead spread - add G after part no.
    Surface mount - add SM after part no.
    Tape&reel - add SMT&R after part no.
• High Isolation Voltage (5.3kVRMS ,7.5kVPK )
• Zero Voltage Crossing
• 400V Peak Blocking Voltage
• All electrical parameters 100% tested
• Custom electrical selections available

APPLICATIONS
• CRTs
• Power Triac Driver
• Motors
• Consumer appliances
• Printers




Similar Part No. - MOC3042X

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3042 MOTOROLA-MOC3042 Datasheet
292Kb / 6P
6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
Guangdong Youtai Semico...
MOC3042 UMW-MOC3042 Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3042 UMW-MOC3042 Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3042 UMW-MOC3042 Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3042 UMW-MOC3042 Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
More results


Similar Description - MOC3042X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MOC3031 ETC-MOC3031 Datasheet
37Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
MOC3060 ETC-MOC3060 Datasheet
68Kb / 4P
OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
H11J1X ETC-H11J1X Datasheet
52Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
MOC3080 ETC-MOC3080 Datasheet
37Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
IS620 ETC-IS620 Datasheet
37Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
IS220 ETC-IS220 Datasheet
35Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
IS420 ETC1-IS420 Datasheet
38Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
IS6003 ETC-IS6003 Datasheet
54Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
ISOCOM COMPONENTS
MOC3009X ISOCOM-MOC3009X Datasheet
54Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
IS6005X ISOCOM-IS6005X Datasheet
75Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com