Electronic Components Datasheet Search
  English  ▼

X  

MAX9812LEXT-T Datasheet (PDF) - Dallas Semiconductor

MAX9812LEXT-T Datasheet PDF - Dallas Semiconductor
Part # MAX9812LEXT-T
Download  MAX9812LEXT-T Download
File Size   309.83 Kbytes
Page   11 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias

MAX9812LEXT-T Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9812LEXT-T Datasheet PDF - Dallas Semiconductor

Part # MAX9812LEXT-T
Download  MAX9812LEXT-T Click to download

File Size   309.83 Kbytes
Page   11 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias

MAX9812LEXT-T Datasheet (HTML) - Dallas Semiconductor


MAX9812LEXT-T Product details

General Description

The MAX9812/MAX9813 are single/dual-input, 20dB fixed-gain microphone amplifiers. They offer tiny packaging and a low-noise, integrated microphone bias, making them ideal for portable audio applications such as notebook computers, cell phones, and PDAs. These amplifiers feature a 500kHz bandwidth, Rail-to-Rail® outputs, an industry-leading 100dB power-supply rejection ratio, and a very low 0.015% THD+N. Power-saving features include very low 230µA supply current and a total shutdown mode that cuts the combined supply and BIAS currents to only 100nA.



Features

♦PC2001 Compliant

♦100dB at 217Hz Power-Supply Rejection Ratio

♦Very Low 230µA Quiescent Current

♦Low 0.015% THD+N

♦Available in Two Versions

  MAX9812L/MAX9813L—2.7V to 3.6V

  MAX9812H/MAX9813H—4.5V to 5.5V

♦Internal Low-Noise Microphone Bias Supply

  2.3V for MAX9812L/MAX9813L

  4.0V for MAX9812H/MAX9813H

♦100nA Low-Power Shutdown Mode

♦Rail-to-Rail Outputs

♦20dB Fixed Gain

♦Available in Tiny 6-Pin SC70 (2mm x 2.1mm) and 8-Pin SOT23 (3mm x 3mm) Packages

♦Extended Temperature Range -40°C to +85°C



Applications

Notebook Computers

PDAs

Smart Phones

Car Kit Adapters

Digital Cameras

Video Tape Recorders



 




Similar Part No. - MAX9812LEXT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9812LEXT-T MAXIM-MAX9812LEXT-T Datasheet
245Kb / 10P
Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
Rev 2; 9/12
More results


Similar Description - MAX9812LEXT-T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV101 NSC-LMV101 Datasheet
769Kb / 12P
Fixed-Gain Amplifiers
logo
Intersil Corporation
EL5108 INTERSIL-EL5108_06 Datasheet
337Kb / 13P
450MHz Fixed Gain Amplifiers with Enable
June 15, 2006
logo
National Semiconductor ...
LMV101 NSC-LMV101_00 Datasheet
772Kb / 12P
Fixed-Gain Amplifiers
logo
Intersil Corporation
EL5108 INTERSIL-EL5108 Datasheet
492Kb / 12P
450MHz Fixed Gain Amplifiers with Enable
August 10, 2010
EL5106 INTERSIL-EL5106 Datasheet
457Kb / 12P
350MHz Fixed Gain Amplifiers with Enable
logo
Maxim Integrated Produc...
MAX9812 MAXIM-MAX9812 Datasheet
245Kb / 10P
Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
Rev 2; 9/12
MAX9812HEXT MAXIM-MAX9812HEXT Datasheet
245Kb / 10P
Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
Rev 2; 9/12
logo
Renesas Technology Corp
EL5106 RENESAS-EL5106 Datasheet
717Kb / 14P
350MHz Fixed Gain Amplifiers with Enable
logo
Maxim Integrated Produc...
MAX9812 MAXIM-MAX9812_V01 Datasheet
280Kb / 10P
Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
2014
MAX40079 MAXIM-MAX40079 Datasheet
1Mb / 18P
Single/Dual/Quad Ultra-Low Input Bias Current, Low-Noise Amplifiers
2020
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com