Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet (PDF) - ATMEL Corporation

ATMEGA48 Datasheet PDF - ATMEL Corporation
Part # ATMEGA48
Download  ATMEGA48 Download
File Size   2750.9 Kbytes
Page   349 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 8K Bytes In-System Programmable Flash

ATMEGA48 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATMEGA48 Datasheet PDF - ATMEL Corporation

Part # ATMEGA48
Download  ATMEGA48 Click to download

File Size   2750.9 Kbytes
Page   349 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 8K Bytes In-System Programmable Flash

ATMEGA48 Datasheet (HTML) - ATMEL Corporation


ATMEGA48 Product details

Overview
The Atmel ATmega48/88/168 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATmega48/88/168 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.

Features
• High performance, low power Atmel® AVR® 8-bit microcontroller
• Advanced RISC architecture
   – 131 powerful instructions – most single clock cycle execution
   – 32 × 8 general purpose working registers
   – Fully static operation
   – Up to 20 MIPS throughput at 20MHz
   – On-chip 2-cycle multiplier
• High endurance non-volatile memory segments
   – 4/8/16 Kbytes of in-system self-programmable flash program memory
   – 256/512/512 bytes EEPROM
   – 512/1K/1Kbytes internal SRAM
   – Write/erase cyles: 10,000 flash/100,000 EEPROM
   – Data retention: 20 years at 85°C/100 years at 25°C()
   – Optional boot code section with independent lock bits
      In-system programming by on-chip boot program
      True read-while-write operation
   – Programming lock for software security
• QTouch® library support
   – Capacitive touch buttons, sliders and wheels
   – QTouch and QMatrix acquisition
   – Up to 64 sense channels
• Peripheral features
   – Two 8-bit timer/counters with separate prescaler and compare mode
   – One 16-bit timer/counter with separate prescaler, compare mode, and capture mode
   – Real time counter with separate oscillator
   – Six PWM channels
   – 8-channel 10-bit ADC in TQFP and QFN/MLF package
   – 6-channel 10-bit ADC in PDIP Package
   – Programmable serial USART
   – Master/slave SPI serial interface
   – Byte-oriented 2-wire serial interface (Philips I2C compatible)
   – Programmable watchdog timer with separate on-chip oscillator
   – On-chip analog comparator
   – Interrupt and wake-up on pin change
• Special microcontroller features
   – DebugWIRE on-chip debug system
   – Power-on reset and programmable brown-out detection
   – Internal calibrated oscillator
   – External and internal interrupt sources
   – Five sleep modes: Idle, ADC noise reduction, power-save, power-down, and standby
• I/O and packages
   – 23 programmable I/O lines
   – 28-pin PDIP, 32-lead TQFP, 28-pad QFN/MLF and 32-pad QFN/MLF
• Operating voltage:
   – 1.8V - 5.5V for Atmel ATmega48V/88V/168V
   – 2.7V - 5.5V for Atmel ATmega48/88/168
• Temperature range:
   – -40°C to 85°C
• Speed grade:
   – ATmega48V/88V/168V: 0 - 4MHz @ 1.8V - 5.5V, 0 - 10MHz @ 2.7V - 5.5V
   – ATmega48/88/168: 0 - 10MHz @ 2.7V - 5.5V, 0 - 20MHz @ 4.5V - 5.5V
• Low power consumption
   – Active mode:
      250µA at 1MHz, 1.8V
      15µA at 32kHz, 1.8V (including oscillator)
   – Power-down mode:
      0.1µA at 1.8V




Similar Part No. - ATMEGA48

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48 ATMEL-ATMEGA48 Datasheet
402Kb / 33P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA48 ATMEL-ATMEGA48 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA48 ATMEL-ATMEGA48 Datasheet
4Mb / 376P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATmega48 ATMEL-ATmega48 Datasheet
5Mb / 340P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA48 ATMEL-ATMEGA48 Datasheet
1Mb / 19P
Microcontroller with 8K Bytes In-System Programmable Flash
More results


Similar Description - ATMEGA48

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com