Electronic Components Datasheet Search
  English  ▼

X  

RTL8201 Datasheet (PDF) - List of Unclassifed Manufacturers

RTL8201 Datasheet PDF - List of Unclassifed Manufacturers
Part # RTL8201
Download  RTL8201 Download
File Size   335.2 Kbytes
Page   29 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL

RTL8201 Datasheet (PDF)

Go To PDF Page Download Datasheet
RTL8201 Datasheet PDF - List of Unclassifed Manufacturers

Part # RTL8201
Download  RTL8201 Click to download

File Size   335.2 Kbytes
Page   29 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL

RTL8201 Datasheet (HTML) - List of Unclassifed Manufacturers


RTL8201 Product details

[Realtek]

General Description
The RTL8201BL is a single-port Phyceiver with an MII (Media Independent Interface)/SNI(Serial Network Interface). It implements all 10/100M Ethernet Physical-layer functions including the Physical Coding Sublayer (PCS), Physical Medium Attachment (PMA), Twisted Pair Physical Medium Dependent Sublayer (TP-PMD), 10Base-Tx Encoder/Decoder and Twisted Pair Media Access Unit (TPMAU). A PECL interface is supported to connect with an external 100Base-FX fiber optical transceiver. The chip is fabricated with an advanced CMOS process to meet low voltage and low power requirements.
The RTL8201BL can be used as a Network Interface Adapter, MAU, CNR, ACR, Ethernet Hub, Ethernet Switch. Additionally, it can be used in any embedded system with an Ethernet MAC that needs a twisted pair physical connection or fiber PECL interface to external 100Base-FX optical transceiver module.

Features
The Realtek RTL8201BL is a Fast Ethernet Phyceiver with selectable MII or SNI interface to the MAC chip. It provides the following features:
● Supports MII/7-wire SNI (Serial Network Interface) interface
● Supports 10/100Mbps operation
● Supports half/full duplex operation
● Support of twisted pair or Fiber mode output
● IEEE 802.3/802.3u compliant
● Supports IEEE 802.3u clause 28 auto negotiation
● Supports power down mode
● Supports operation under Link Down Power Saving mode
● Supports Base Line Winder (BLW) compensation
● Supports repeater mode
● Speed/duplex/auto negotiation adjustable
● 3.3V operation with 5V IO signal tolerance
● Low operation power consumption and only need single supply 3.3V
● Adaptive Equalization
● 25MHz crystal/oscillator as clock source
● Multiple network status LED support
● Flow control ability support to co-work with MAC (by MDC/MDIO)
● 48 pin LQFP package




Similar Part No. - RTL8201

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201CL REALTEK-RTL8201CL Datasheet
597Kb / 39P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201CL-LF REALTEK-RTL8201CL-LF Datasheet
597Kb / 39P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201CL-VD REALTEK-RTL8201CL-VD Datasheet
597Kb / 39P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201CL-VD-LF REALTEK-RTL8201CL-VD-LF Datasheet
597Kb / 39P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
logo
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
More results


Similar Description - RTL8201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8208 ETC-RTL8208 Datasheet
546Kb / 40P
REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Realtek Semiconductor C...
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201CL REALTEK-RTL8201CL Datasheet
597Kb / 39P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com