Electronic Components Datasheet Search
  English  ▼

X  

2SK3054C Datasheet (PDF) - Renesas Technology Corp

2SK3054C Datasheet PDF - Renesas Technology Corp
Part # 2SK3054C
Download  2SK3054C Download
File Size   102.42 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-CHANNEL MOSFET FOR SWITCHING

2SK3054C Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3054C Datasheet PDF - Renesas Technology Corp

Part # 2SK3054C
Download  2SK3054C Click to download

File Size   102.42 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-CHANNEL MOSFET FOR SWITCHING

2SK3054C Datasheet (HTML) - Renesas Technology Corp


2SK3054C Product details

Description
The 2SK3054C, N-channel vertical type MOSFET designed for general-purpose switch, is a device which can be driven directly by a 4.5 V power source.

Features
• Directly driven by a 4.5 V power source.
• Low on-state resistance
   RDS(on)1 = 2.7 Ω MAX. (VGS = 10 V, ID = 100 mA)
   RDS(on)2 = 3.2 Ω MAX. (VGS = 4.5 V, ID = 50 mA)




Similar Part No. - 2SK3054C

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3054 NEC-2SK3054 Datasheet
51Kb / 8P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
VBsemi Electronics Co.,...
2SK3054 VBSEMI-2SK3054 Datasheet
1,012Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
Renesas Technology Corp
2SK3054 RENESAS-2SK3054 Datasheet
295Kb / 10P
MOS FIELD EFFECT TRANSISTOR
1999
logo
VBsemi Electronics Co.,...
2SK3054-T1-A VBSEMI-2SK3054-T1-A Datasheet
1,012Kb / 8P
N-Channel 60-V (D-S) MOSFET
More results


Similar Description - 2SK3054C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
N0412N RENESAS-N0412N Datasheet
217Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
QN7002 RENESAS-QN7002 Datasheet
172Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
QN7002 RENESAS-QN7002_15 Datasheet
172Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
N0601N RENESAS-N0601N_15 Datasheet
218Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
2SK1483C RENESAS-2SK1483C Datasheet
214Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
2SK2857C RENESAS-2SK2857C Datasheet
196Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
UPA572CT RENESAS-UPA572CT Datasheet
143Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
UPA606CT RENESAS-UPA606CT Datasheet
175Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
UPA672CT RENESAS-UPA672CT Datasheet
163Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
UPA606C RENESAS-UPA606C Datasheet
174Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
Jul 24, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com