Electronic Components Datasheet Search
  English  ▼

X  

NCP1612B2DR2G Datasheet (PDF) - ON Semiconductor

NCP1612B2DR2G Datasheet PDF - ON Semiconductor
Part # NCP1612B2DR2G
Download  NCP1612B2DR2G Download
File Size   2035.96 Kbytes
Page   33 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Enhanced, High?륟fficiency Power Factor Controller

NCP1612B2DR2G Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP1612B2DR2G Datasheet PDF - ON Semiconductor

Part # NCP1612B2DR2G
Download  NCP1612B2DR2G Click to download

File Size   2035.96 Kbytes
Page   33 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Enhanced, High?륟fficiency Power Factor Controller

NCP1612B2DR2G Datasheet (HTML) - ON Semiconductor


NCP1612B2DR2G Product details

The NCP1612 is designed to drive PFC boost stages based on an innovative Current Controlled Frequency Fold-back (CCFF) method. In this mode, the circuit classically operates in Critical conduction Mode (CrM) when the inductor current exceeds a programmable value. When the current is below this preset level, the NCP1612 linearly decays the frequency down to about 20 kHz when the current is null. CCFF maximizes the efficiency at both nominal and light load. In particular, the stand-by losses are reduced to a minimum.

General Features
• Near-unity Power Factor
• Critical Conduction Mode (CrM)
• Current Controlled Frequency Fold-back (CCFF): Low Frequency Operation is Forced at Low Current Levels
• On-time Modulation to Maintain a Proper Current Shaping in CCFF Mode
• Skip Mode Near the Line Zero Crossing
• Fast Line/Load Transient Compensation (Dynamic Response Enhancer)
• Valley Turn On
• High Drive Capability: −500 mA/+800 mA
• VCC Range: from 9.5 V to 35 V
• Low Start-up Consumption
• Six Versions: NCP1612A, B, A1, A2, A3 and B2 (see Table 1)
• Line Range Detection
• pfcOK Signal
• This is a Pb-Free Device

Safety Features
• Separate Pin for Fast Over-voltage Protection (FOVP) for Redundancy
• Soft Over-voltage Protection
• Brown-out Detection
• Soft-start for Smooth Start-up Operation (A, A1, A2 and A3 Versions)
• Over Current Limitation
• Disable Protection if the Feedback is Not Connected
• Thermal Shutdown
• Latched Off Capability
• Low Duty-cycle Operation if the Bypass Diode is shorted
• Open Ground Pin Fault Monitoring
• Saturated Inductor Protection
• Detailed Safety Testing Analysis (Refer to Application Note AND9079/D)

Typical Applications
• PC Power Supplies
• All Off Line Appliances Requiring Power Factor Correction




Similar Part No. - NCP1612B2DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1612BDR2G ONSEMI-NCP1612BDR2G Datasheet
811Kb / 30P
Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
More results


Similar Description - NCP1612B2DR2G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1854A TI-UC1854A Datasheet
188Kb / 7P
Enhanced High Power Factor Preregulator
logo
ON Semiconductor
NCP1611 ONSEMI-NCP1611 Datasheet
870Kb / 28P
Enhanced, High-Efficiency Power Factor Controller
December, 2011 ??Rev. 1
NCP1612 ONSEMI-NCP1612 Datasheet
811Kb / 30P
Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
NCP1611 ONSEMI-NCP1611_15 Datasheet
813Kb / 29P
Enhanced, High-Efficiency Power Factor Controller
January, 2015 ??Rev. 4
NCP1602 ONSEMI-NCP1602_16 Datasheet
238Kb / 24P
Enhanced, High-Efficiency Power Factor Controller
June, 2016 ??Rev. 2
NCP1602 ONSEMI-NCP1602_17 Datasheet
366Kb / 23P
Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1622 ONSEMI-NCP1622 Datasheet
236Kb / 20P
Enhanced, High-Efficiency Power Factor Controller
November, 2017 ??Rev. 4
NCL2801 ONSEMI-NCL2801 Datasheet
504Kb / 28P
Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
NCP1623 ONSEMI-NCP1623 Datasheet
331Kb / 20P
Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com