Electronic Components Datasheet Search
  English  ▼

X  

1305A Datasheet (PDF) - List of Unclassifed Manufacturers

1305A Datasheet PDF - List of Unclassifed Manufacturers
Part # 1305A
Download  1305A Download
File Size   93.2 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 24 AWG Bonded-Pairs stranded (7x32) bare copper conductors, polyolefin insulation

1305A Datasheet (PDF)

Go To PDF Page Download Datasheet
1305A Datasheet PDF - List of Unclassifed Manufacturers

Part # 1305A
Download  1305A Click to download

File Size   93.2 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 24 AWG Bonded-Pairs stranded (7x32) bare copper conductors, polyolefin insulation

1305A Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - 1305A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1305A BELDEN-1305A Datasheet
158Kb / 3P
CatSnake® Category 5E Tactical Upjacketed Cable, 4 Bonded-Pairs, U/UTP
2022 Belden, Inc
1305AB591000 BELDEN-1305AB591000 Datasheet
158Kb / 3P
CatSnake® Category 5E Tactical Upjacketed Cable, 4 Bonded-Pairs, U/UTP
2022 Belden, Inc
1305AB59500 BELDEN-1305AB59500 Datasheet
158Kb / 3P
CatSnake® Category 5E Tactical Upjacketed Cable, 4 Bonded-Pairs, U/UTP
2022 Belden, Inc
More results


Similar Description - 1305A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344318 ETC2-1344318 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs, Bonded Stranded (7x32) Tinned Copper Conductors
1344423 ETC2-1344423 Datasheet
110Kb / 4P
24 AWG Bonded-Pairs Solid Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
1347422 ETC2-1347422 Datasheet
101Kb / 3P
24 AWG stranded (7x32) TC conductors, Polyolefin insulation
1347824 ETC2-1347824 Datasheet
110Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
1351272 ETC2-1351272 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs stranded (7x32) tinned copper conductors, polyolefin insulation
1592A ETC2-1592A Datasheet
109Kb / 4P
24 AWG Stranded (7x32) Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
7930A ETC2-7930A Datasheet
108Kb / 4P
24 AWG stranded (7x32) bare copper conductors, twisted pairs, polyolefin insulation
11700A ETC2-11700A Datasheet
35Kb / 5P
24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7922A ETC2-7922A Datasheet
111Kb / 4P
22 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7934A ETC2-7934A Datasheet
110Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com