Electronic Components Datasheet Search
  English  ▼

X  

SR10200CT Datasheet (PDF) - Nanjing International Group Co

SR10200CT Datasheet PDF - Nanjing International Group Co
Part # SR10200CT
Download  SR10200CT Download
File Size   90.77 Kbytes
Page   2 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description SCHOTTKY BARRIER RECTIFIER

SR10200CT Datasheet (PDF)

Go To PDF Page Download Datasheet
SR10200CT Datasheet PDF - Nanjing International Group Co

Part # SR10200CT
Download  SR10200CT Click to download

File Size   90.77 Kbytes
Page   2 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description SCHOTTKY BARRIER RECTIFIER

SR10200CT Datasheet (HTML) - Nanjing International Group Co


SR10200CT Product details

Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes



FEATURES

• Plastic package has Underwriters Laboratory Flammability Classification 94V-0

• Metal silicon junction ,majority carrier conduction

• Guard ring for overvoltage protection

• Low power loss ,high efficiency

• High current capability ,Low forward voltage drop

• For use in low voltage ,high frequency inverters,

• free wheeling ,and polarity protection applications

• Dual rectifier construction

• High temperature soldering guaranteed:260°C/10 seconds,

• 0.25"(6.35mm)from case

• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC



 




Similar Part No. - SR10200CT

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SR10200CT GWSEMI-SR10200CT Datasheet
70Kb / 2P
10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Jing Heng Electro...
SR10200CT JINGHENG-SR10200CT Datasheet
65Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Nantong Hornby Electron...
SR10200CT HORNBY-SR10200CT Datasheet
331Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
SR10200CT SAMYANG-SR10200CT Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SR10200CT SUNMATE-SR10200CT Datasheet
565Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SR10200CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com