Electronic Components Datasheet Search
  English  ▼

X  

MURS360 Datasheet (PDF) - Olitech Electronics Co.Ltd

MURS360 Datasheet PDF - Olitech Electronics Co.Ltd
Part # MURS360
Download  MURS360 Download
File Size   367.74 Kbytes
Page   2 Pages
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd
Description SURFACE MOUNT ULTRA FAST RECTIFIER

MURS360 Datasheet (PDF)

Go To PDF Page Download Datasheet
MURS360 Datasheet PDF - Olitech Electronics Co.Ltd

Part # MURS360
Download  MURS360 Click to download

File Size   367.74 Kbytes
Page   2 Pages
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd
Description SURFACE MOUNT ULTRA FAST RECTIFIER

MURS360 Datasheet (HTML) - Olitech Electronics Co.Ltd


MURS360 Product details

Features
◇ Glass passivated junction chip
◇ For surface mounted applications
◇ Low profile package
◇ Built-in strain relief
◇ Ideal for automated placement
◇ Easy pick and place
◇ Superfast recovery time for high efficiency
◇ Glass passivated chip junction
◇ High temperature soldering: 260°C/10 seconds at terminals
◇ Plastic material used carries Underwriters Laboratory Classification 94V-O




Similar Part No. - MURS360

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MURS360 MOTOROLA-MURS360 Datasheet
107Kb / 4P
ULTRAFAST RECTIFIERS 3.0 AMPERES 200-600 VOLTS
logo
Vishay Siliconix
MURS360 VISHAY-MURS360 Datasheet
24Kb / 2P
Ultrafast Rectifiers
18-Nov-02
MURS360 VISHAY-MURS360 Datasheet
106Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
27-Aug-07
logo
Rectron Semiconductor
MURS360 RECTRON-MURS360 Datasheet
299Kb / 4P
ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 3.0 Amperes
logo
Frontier Electronics.
MURS360 FRONTIER-MURS360 Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
More results


Similar Description - MURS360

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UF2AF ETC2-UF2AF Datasheet
549Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
US1AF ETC2-US1AF Datasheet
525Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
GUANGDONG HOTTECH INDUS...
UF1A HOTTECH-UF1A Datasheet
220Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2A YIXIN-US2A_13 Datasheet
428Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Microdiode Semiconducto...
US2ABF CHENDA-US2ABF_V01 Datasheet
847Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
US3AB CHENDA-US3AB Datasheet
747Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
US3ABF CHENDA-US3ABF_V01 Datasheet
1Mb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Unisonic Technologies
US1D UTC-US1D Datasheet
141Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com