Electronic Components Datasheet Search
  English  ▼

X  

DL4934 Datasheet (PDF) - Microdiode Semiconductor (Shenzhen) Co., Ltd

DL4934 Datasheet PDF - Microdiode Semiconductor (Shenzhen) Co., Ltd
Part # DL4934
Download  DL4934 Download
File Size   617.62 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd
Description SURFACE MOUNT RECTIFIERS

DL4934 Datasheet (PDF)

Go To PDF Page Download Datasheet
DL4934 Datasheet PDF - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # DL4934
Download  DL4934 Click to download

File Size   617.62 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd
Description SURFACE MOUNT RECTIFIERS

DL4934 Datasheet (HTML) - Microdiode Semiconductor (Shenzhen) Co., Ltd


DL4934 Product details

VOLTAGE RANGE: 50 --- 600 V CURRENT: 1.0 A

FEATURES
◇ Glass passivated device
◇ Ideal for surface mounted applications
◇ Low leakage
◇ Low forward voltage drop
◇ High current capability
◇ Easily cleaned with Alcohol,Isopropnol
   and similar solvents
◇ The plastic material carries U/L
   recognition 94V-0




Similar Part No. - DL4934

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DL4934 DIODES-DL4934 Datasheet
57Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15001 Rev. D-2
logo
Micro Commercial Compon...
DL4934 MCC-DL4934 Datasheet
90Kb / 3P
1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
logo
SynSemi, Inc.
DL4934 SYNSEMI-DL4934 Datasheet
35Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
Diotech Company.
DL4934 DIOTECH-DL4934 Datasheet
906Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
DL4934 MCC-DL4934 Datasheet
300Kb / 4P
1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
More results


Similar Description - DL4934

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com