Electronic Components Datasheet Search
  English  ▼

X  

MBR790 Datasheet (PDF) - Microdiode Semiconductor (Shenzhen) Co., Ltd

MBR790 Datasheet PDF - Microdiode Semiconductor (Shenzhen) Co., Ltd
Part # MBR790
Download  MBR790 Download
File Size   585.98 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd
Description SCHOTTKY BARRIER RECTIFIER

MBR790 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR790 Datasheet PDF - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # MBR790
Download  MBR790 Click to download

File Size   585.98 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd
Description SCHOTTKY BARRIER RECTIFIER

MBR790 Datasheet (HTML) - Microdiode Semiconductor (Shenzhen) Co., Ltd


MBR790 Product details

Reverse Voltage - 20 to 100 Volts Forward Current -7.5 Amperes



FEATURES

♦ The plastic package carries Underwriters Laboratory

   Flammability Classification 94V-0

♦ Construction utilizes void-free molded plastic technique

♦ Low reverse leakage

♦ High forward surge current capability

♦ High temperature soldering guaranteed: 250°C, 0.25”(6.35mm) from case for 10 seconds



 




Similar Part No. - MBR790

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR790 TSC-MBR790 Datasheet
60Kb / 2P
7.5 AMPS. Schottky Barrier Rectifiers
MBR790 TSC-MBR790 Datasheet
266Kb / 2P
7.5 AMPS. Schottky Barrier Rectifiers
MBR790 TSC-MBR790 Datasheet
656Kb / 2P
7.5 AMPS. Schottky Barrier Rectifiers
MBR790 TSC-MBR790 Datasheet
248Kb / 2P
7.5 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR790 KERSEMI-MBR790 Datasheet
987Kb / 2P
Plastic material used carries Underwriters Laboratory Classifications 94V-0
More results


Similar Description - MBR790

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com