Electronic Components Datasheet Search
  English  ▼

X  

HMC310MS8G Datasheet (PDF) - Hittite Microwave Corporation

HMC310MS8G Datasheet PDF - Hittite Microwave Corporation
Part # HMC310MS8G
Download  HMC310MS8G Download
File Size   187.94 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description BLUETOOTH & 2.4 GHz WLAN GaAs MMIC TRANSCEIVER

HMC310MS8G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC310MS8G Datasheet PDF - Hittite Microwave Corporation

Part # HMC310MS8G
Download  HMC310MS8G Click to download

File Size   187.94 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description BLUETOOTH & 2.4 GHz WLAN GaAs MMIC TRANSCEIVER

HMC310MS8G Datasheet (HTML) - Hittite Microwave Corporation


HMC310MS8G Product details

General Description
The HMC310MS8G & HMC310MS8GE are multifunction RFICs that incorporates a power amplifi er (PA) and low noise amplifier (LNA) with a transmit/ receive switch. These RFICs offer 15 dB gain and +5 dBm P1dB in the transmit mode and 13 dB of gain with an overall noise figure of 3 dB when in receive mode. Transmit and receive performance levels have been selected to meet the BLUETOOTH Class 2 & 3 requirements when used in conjunction with 2.4 GHz ASICs such as National Semiconductor’s LMX3162. This low current and low cost transceiver requires no external circuitry to operate the amplifier power down features, and is available in the industry standard MSOP8G package, which is 0.118” x 0.190” (3.0mm x 4.9mm).

Features
   Tx Gain: 15 dB, Rx Gain: 13 dB
   Tx 1 dB Compression Point: 5 dBm
   Rx Noise Figure: 3 dB @ 2.4 GHz
   Single Positive Supply: +3V
   No External Matching Required

Typical Applications
Transmit & Receive
Switch for 2.4 GHz Applications:
• Bluetooth
• HomeRF
• WLAN Radios




Similar Part No. - HMC310MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC310MS8G HITTITE-HMC310MS8G Datasheet
192Kb / 6P
BLUETOOTH & 2.4 GHz WLAN GaAs MMIC TRANSCEIVER
HMC310MS8G HITTITE-HMC310MS8G Datasheet
192Kb / 6P
BLUETOOTH & 2.4 GHz WLAN GaAs MMIC TRANSCEIVER
HMC310MS8G HITTITE-HMC310MS8G Datasheet
227Kb / 6P
BLUETOOTH & 2.4 GHz WLAN GaAs MMIC TRANSCEIVER
HMC310MS8GE HITTITE-HMC310MS8GE Datasheet
192Kb / 6P
BLUETOOTH & 2.4 GHz WLAN GaAs MMIC TRANSCEIVER
HMC310MS8G HITTITE-HMC310MS8G_07 Datasheet
227Kb / 6P
BLUETOOTH & 2.4 GHz WLAN GaAs MMIC TRANSCEIVER
More results


Similar Description - HMC310MS8G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA2450 FAIRCHILD-RMPA2450 Datasheet
155Kb / 6P
2.4-2.5 GHz GaAs MMIC Power Amplifier
RMPA2451 FAIRCHILD-RMPA2451 Datasheet
489Kb / 7P
2.4-2.5 GHz GaAs MMIC Power Amplifier
logo
Infineon Technologies A...
PMB6625 INFINEON-PMB6625 Datasheet
33Kb / 1P
Transceiver for Bluetooth FH-SS 2.4 GHz Systems
01.01
logo
California Eastern Labs
UPG2035T5F CEL-UPG2035T5F Datasheet
592Kb / 12P
BROADBAND GaAs MMIC DPDT SWITCH FOR 2.4 GHz AND 5 GHz WLAN
logo
Hittite Microwave Corpo...
HMC310MS8G HITTITE-HMC310MS8G_07 Datasheet
227Kb / 6P
BLUETOOTH & 2.4 GHz WLAN GaAs MMIC TRANSCEIVER
logo
M/A-COM Technology Solu...
MASW-008206-000DIE MA-COM-MASW-008206-000DIE Datasheet
94Kb / 5P
GaAs WLAN Dual SPDT Switch 2.4 - 5.8 GHz
MASW-008902-000DIE MA-COM-MASW-008902-000DIE Datasheet
244Kb / 5P
Bumped GaAs SP3T Switch for WLAN 2.4 - 2.5 GHz
logo
Johanson Technology Inc...
2450AT43B100 JOHANSON-2450AT43B100 Datasheet
528Kb / 4P
2.4 GHz WLAN, Home RF, Bluetooth Antenna
logo
Hittite Microwave Corpo...
HMC310MS8G HITTITE-HMC310MS8G_09 Datasheet
192Kb / 6P
BLUETOOTH & 2.4 GHz WLAN GaAs MMIC TRANSCEIVER
logo
M/A-COM Technology Solu...
MASW-008206-000DIE MA-COM-MASW-008206-000DIE_15 Datasheet
613Kb / 6P
GaAs WLAN Dual SPDT Switch 2.4 - 5.8 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com