Electronic Components Datasheet Search
  English  ▼

X  

M37733EHBFS Datasheet (PDF) - Mitsubishi Electric Semiconductor

M37733EHBFS Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M37733EHBFS
Download  M37733EHBFS Download
File Size   409.29 Kbytes
Page   34 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)

M37733EHBFS Datasheet (PDF)

Go To PDF Page Download Datasheet
M37733EHBFS Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M37733EHBFS
Download  M37733EHBFS Click to download

File Size   409.29 Kbytes
Page   34 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)

M37733EHBFS Datasheet (HTML) - Mitsubishi Electric Semiconductor


M37733EHBFS Product details

DESCRIPTION
The M37733EHBXXXFP is a single-chip microcomputer using the 7700 Family core. This single-chip microcomputer has a CPU and a bus interface unit. The CPU is a 16-bit parallel processor that can be an 8-bit parallel processor, and the bus interface unit enhances the memory access efficiency to execute instructions fast. This microcomputer also includes a 32 kHz oscillation circuit, in addition to the PROM, RAM, multiple-function timers, serial I/O, A-D converter, and so on.
The M37733EHBXXXFP has the same function as the M37733MHBXXXFP except that the built-in ROM is PROM. (Refer to the basic function blocks description.) For program development, the M37733EHBFS with erasable ROM that is housed in a windowed ceramic LCC is also provided.

FEATURES
● Number of basic instructions .................................................. 103
● Memory size PROM ............................................. 124 Kbytes
                         RAM ................................................ 3968 bytes
● Instruction execution time
   The fastest instruction at 25 MHz frequency ...................... 160 ns
● Single power supply ...................................................... 5 V ± 10%
● Low power dissipation (at 25 MHz frequency)
                                       ............................................47.5 mW (Typ.)
● Interrupts ............................................................ 19 types, 7 levels
● Multiple-function 16-bit timer ................................................. 5 + 3
● Serial I/O (UART or clock synchronous) ..................................... 3
● 10-bit A-D converter ............................................ 8-channel inputs
● Watchdog timer
● Programmable input/output
   (ports P0, P1, P2, P3, P4, P5, P6, P7, P8) ............................... 68
● Clock generating circuit ........................................ 2 circuits built-in

APPLICATION
   Control devices for general commercial equipment such as office automation, office equipment, and so on.
   Control devices for general industrial equipment such as communication equipment, and so on.




Similar Part No. - M37733EHBFS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37733EHBFS MITSUBISHI-M37733EHBFS Datasheet
600Kb / 34P
PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
logo
Renesas Technology Corp
M37733EHBFS RENESAS-M37733EHBFS Datasheet
566Kb / 35P
PROM VERSION OF M37733MHBXXXFP
More results


Similar Description - M37733EHBFS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37733EHB MITSUBISHI-M37733EHB Datasheet
600Kb / 34P
PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
M37733EHL MITSUBISHI-M37733EHL Datasheet
726Kb / 35P
PROM VERSION OF M37733MHLXXXHP(MICROCOMPUTERS)
M37735EHBXXXFP MITSUBISHI-M37735EHBXXXFP Datasheet
392Kb / 34P
PROM VERSION OF M37735EHBXXXFP
M37735EHL MITSUBISHI-M37735EHL Datasheet
672Kb / 34P
PROM VERSION OF M37735MHLXXXHP
M37736EHB MITSUBISHI-M37736EHB Datasheet
405Kb / 33P
PROM VERSION OF M37736EHBXXXGP
M37736EHBXXXGP MITSUBISHI-M37736EHBXXXGP Datasheet
406Kb / 33P
PROM VERSION OF M37736MHBXXXGP(MICROCOMPUTERS)
M37736EHL MITSUBISHI-M37736EHL Datasheet
447Kb / 36P
PROM VERSION OF M37736MHLXXXHP(MICROCOMPUTERS)
M37736EHLXXXHP MITSUBISHI-M37736EHLXXXHP Datasheet
448Kb / 36P
PROM VERSION OF M37736MHLXXXHP(MICROCOMPUTERS)
logo
Renesas Technology Corp
M37733EHBXXXFP RENESAS-M37733EHBXXXFP Datasheet
566Kb / 35P
PROM VERSION OF M37733MHBXXXFP
M37735EHBXXXFP RENESAS-M37735EHBXXXFP Datasheet
551Kb / 35P
PROM VERSION OF M37735MHBXXXFP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com