Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA16-16PC Datasheet (PDF) - ATMEL Corporation

ATMEGA16-16PC Datasheet PDF - ATMEL Corporation
Part # ATMEGA16-16PC
Download  ATMEGA16-16PC Download
File Size   2928.46 Kbytes
Page   315 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash

ATMEGA16-16PC Datasheet (PDF)

Go To PDF Page Download Datasheet
ATMEGA16-16PC Datasheet PDF - ATMEL Corporation

Part # ATMEGA16-16PC
Download  ATMEGA16-16PC Click to download

File Size   2928.46 Kbytes
Page   315 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash

ATMEGA16-16PC Datasheet (HTML) - ATMEL Corporation


ATMEGA16-16PC Product details

Overview
The ATmega16 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATmega16 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.

Features
• High-performance, Low-power AVR® 8-bit Microcontroller
• Advanced RISC Architecture
    – 131 Powerful Instructions – Most Single-clock Cycle Execution
    – 32 x 8 General Purpose Working Registers
    – Fully Static Operation
    – Up to 16 MIPS Throughput at 16 MHz
    – On-chip 2-cycle Multiplier
• Nonvolatile Program and Data Memories
    – 16K Bytes of In-System Self-Programmable Flash Endurance: 10,000 Write/Erase Cycles
    – Optional Boot Code Section with Independent Lock Bits In-System Programming by On-chip Boot Program True Read-While-Write Operation
    – 512 Bytes EEPROM Endurance: 100,000 Write/Erase Cycles
    – 1K Byte Internal SRAM
    – Programming Lock for Software Security
• JTAG (IEEE std. 1149.1 Compliant) Interface
    – Boundary-scan Capabilities According to the JTAG Standard
    – Extensive On-chip Debug Support
    – Programming of Flash, EEPROM, Fuses, and Lock Bits through the JTAG Interface
• Peripheral Features
    – Two 8-bit Timer/Counters with Separate Prescalers and Compare Modes
    – One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture Mode
    – Real Time Counter with Separate Oscillator
    – Four PWM Channels
    – 8-channel, 10-bit ADC
        8 Single-ended Channels
        7 Differential Channels in TQFP Package Only
        2 Differential Channels with Programmable Gain at 1x, 10x, or 200x
    – Byte-oriented Two-wire Serial Interface
    – Programmable Serial USART
    – Master/Slave SPI Serial Interface
    – Programmable Watchdog Timer with Separate On-chip Oscillator
    – On-chip Analog Comparator
• Special Microcontroller Features
    – Power-on Reset and Programmable Brown-out Detection
    – Internal Calibrated RC Oscillator
    – External and Internal Interrupt Sources
    – Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby and Extended Standby
• I/O and Packages
    – 32 Programmable I/O Lines
    – 40-pin PDIP, 44-lead TQFP, and 44-pad QFN/MLF
• Operating Voltages
    – 2.7 - 5.5V for ATmega16L
    – 4.5 - 5.5V for ATmega16
• Speed Grades
    – 0 - 8 MHz for ATmega16L
    – 0 - 16 MHz for ATmega16
• Power Consumption @ 1 MHz, 3V, and 25°C for ATmega16L
    – Active: 1.1 mA
    – Idle Mode: 0.35 mA
    – Power-down Mode: < 1 µA




Similar Part No. - ATMEGA16-16PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16-16PC ATMEL-ATMEGA16-16PC Datasheet
320Kb / 24P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Similar Description - ATMEGA16-16PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA165P ATMEL-ATMEGA165P Datasheet
3Mb / 365P
8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_07 Datasheet
376Kb / 21P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com