Electronic Components Datasheet Search
  English  ▼

X  

M37531RSS Datasheet (PDF) - Mitsubishi Electric Semiconductor

M37531RSS Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M37531RSS
Download  M37531RSS Download
File Size   2229.07 Kbytes
Page   76 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

M37531RSS Datasheet (PDF)

Go To PDF Page Download Datasheet
M37531RSS Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M37531RSS
Download  M37531RSS Click to download

File Size   2229.07 Kbytes
Page   76 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

M37531RSS Datasheet (HTML) - Mitsubishi Electric Semiconductor


M37531RSS Product details

DESCRIPTION
The 7531 Group is the 8-bit microcomputer based on the 740 family core technology.
The 7531 Group has a serial I/O, 8-bit timers, and an A-D converter, and is useful for control of home electric appliances and office automation equipment.

FEATURES
• Basic machine-language instructions ....................................... 69
• The minimum instruction execution time .......................... 0.50 µs
   (at 8 MHz oscillation frequency for the shortest instruction, in high-speed mode)
• Memory size ROM .............................................. 8K to 16K bytes
   RAM .............................................. 256 to 384 bytes
• Programmable I/O ports ........................................................... 29
   (25 in 32-pin version)
• Interrupts .................................................... 12 sources, 8 vectors
   (11 sources, 8 vectors for 32-pin version)
• Timers ............................................................................ 8-bit ✕ 3
• Serial I/O1 ...................................................................... 8-bit ✕ 1
   (UART)
• Serial I/O2 ...................................................................... 8-bit ✕ 1
   (Clock-synchronized)
• A-D converter ................................................ 10-bit ✕ 8 channels
   (6 channels for 32-pin version)
• Clock generating circuit ............................................. Built-in type
   (connect to external ceramic resonator or quartz-crystal oscillator
   permitting RC oscillation)
• Watchdog timer ............................................................ 16-bit ✕ 1
• Power source voltage
   At 8 MHz XIN oscillation frequency at ceramic oscillation
   ................................................................................... 4.0 to 5.5 V
   At 4 MHz XIN oscillation frequency at ceramic oscillation
   ................................................................................... 2.4 to 5.5 V
   At 2 MHz XIN oscillation frequency at ceramic oscillation
   ................................................................................... 2.2 to 5.5 V
   At 4 MHz XIN oscillation frequency at RC oscillation
   ................................................................................... 4.0 to 5.5 V
   At 2 MHz XIN oscillation frequency at RC oscillation
   ................................................................................... 2.4 to 5.5 V
   At 1 MHz XIN oscillation frequency at RC oscillation
   ................................................................................... 2.2 to 5.5 V
• Power dissipation ............................................ 25 mW (standard)
• Operating temperature range ................................... –20 to 85 °C
   (–40 to 85 °C or –40 to 125 °C for extended operating temperature version)

APPLICATION
   Office automation equipment, factory automation equipment, home electric appliances, consumer electronics, car, etc.




Similar Part No. - M37531RSS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37531T-ADS RENESAS-M37531T-ADS Datasheet
1Mb / 10P
Temporary Target Board
More results


Similar Description - M37531RSS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com