Electronic Components Datasheet Search
  English  ▼

X  

SCH1435 Datasheet (PDF) - ON Semiconductor

SCH1435 Datasheet PDF - ON Semiconductor
Part # SCH1435
Download  SCH1435 Download
File Size   523.64 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single N-Channel Power MOSFET

SCH1435 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCH1435 Datasheet PDF - ON Semiconductor

Part # SCH1435
Download  SCH1435 Click to download

File Size   523.64 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single N-Channel Power MOSFET

SCH1435 Datasheet (HTML) - ON Semiconductor


SCH1435 Product details

Power MOSFET 30V, 89mΩ, 3A, Single N-Channel

This low-profile high-power MOSFET is produced using ON Semiconductor’s trench technology, which is specifically designed to minimize gate charge and ultra low on resistance. This device is suitable for applications with low gate charge driving or ultra low on resistance requirements.

Features
• Low On-Resistance
• 1.8V drive
• ESD Diode-Protected Gate
• Pb-Free, Halogen Free and RoHS compliance
• Ultra small package SCH6 (1.6mm×1.6mm×0.56mmt)

Typical Applications
• Load Switch




Similar Part No. - SCH1435

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SCH1435 SANYO-SCH1435 Datasheet
289Kb / 4P
General-Purpose Switching Device Applications
More results


Similar Description - SCH1435

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH3448 ONSEMI-CPH3448 Datasheet
709Kb / 5P
Single N-Channel Power MOSFET
July, 2014
MCH6431 ONSEMI-MCH6431 Datasheet
382Kb / 5P
Single N-Channel Power MOSFET
March 2015 - Rev. 3
NTMFS6B03N ONSEMI-NTMFS6B03N Datasheet
82Kb / 6P
Single N-Channel Power MOSFET
February, 2015 ??Rev. 1
NVMFS6B14N ONSEMI-NVMFS6B14N Datasheet
82Kb / 6P
Single N-Channel Power MOSFET
October, 2015 ??Rev. 0
NVTFS4C08N ONSEMI-NVTFS4C08N Datasheet
92Kb / 6P
Single N- Channel Power MOSFET
July, 2014 ??Rev. 1
NTMFS6H800N ONSEMI-NTMFS6H800N Datasheet
141Kb / 6P
MOSFET ??Power, Single, N-Channel
May, 2019 ??Rev. 1
NVTFS6H860NL ONSEMI-NVTFS6H860NL Datasheet
275Kb / 8P
MOSFET - Power, Single N-Channel
November, 2020 ??Rev. 1
NVMFS5C426NL ONSEMI-NVMFS5C426NL Datasheet
186Kb / 7P
MOSFET ??Power, Single N-Channel
September, 2019 ??Rev. 1
NVMFS6H864N ONSEMI-NVMFS6H864N Datasheet
189Kb / 7P
MOSFET - Power, Single N-Channel
June, 2020 ??Rev. 2
NTMFS005N10MCL ONSEMI-NTMFS005N10MCL Datasheet
137Kb / 6P
MOSFET ??Power, Single N-Channel
November, 2020 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com