Electronic Components Datasheet Search
  English  ▼

X  

1HP04CH Datasheet (PDF) - ON Semiconductor

1HP04CH Datasheet PDF - ON Semiconductor
Part # 1HP04CH
Download  1HP04CH Download
File Size   509.96 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Small Signal MOSFET

1HP04CH Datasheet (PDF)

Go To PDF Page Download Datasheet
1HP04CH Datasheet PDF - ON Semiconductor

Part # 1HP04CH
Download  1HP04CH Click to download

File Size   509.96 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Small Signal MOSFET

1HP04CH Datasheet (HTML) - ON Semiconductor


1HP04CH Product details

Small Signal MOSFET
–100V, 18Ω, –170mA, Single P-Channel

This Power MOSFET is produced using ON Semiconductor’s trench technology, which is specifically designed to minimize gate charge and low on resistance. This device is suitable for applications with low gate charge driving or low on resistance requirements.

Features
• High Voltage (100V)
• 4V drive
• High Speed Switching and Low Loss
• ESD Diode-Protected Gate
• Pb-Free, Halogen Free and RoHS compliance

Typical Applications
• Lithium-ion Battery Charging and Discharging Cell Balance




Similar Part No. - 1HP04CH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
1HP04CH SANYO-1HP04CH Datasheet
54Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device
More results


Similar Description - 1HP04CH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2N7000 ETC1-CMT2N7000 Datasheet
118Kb / 5P
Small Signal MOSFET
logo
ON Semiconductor
NTJD4001N ONSEMI-NTJD4001N Datasheet
46Kb / 6P
Small Signal MOSFET
August, 2003 ??Rev. 0
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
logo
SeCoS Halbleitertechnol...
2N7002DW SECOS-2N7002DW Datasheet
142Kb / 3P
Small Signal MOSFET
logo
Leshan Radio Company
L2N7002KDW1T1G LRC-L2N7002KDW1T1G_15 Datasheet
1Mb / 6P
Small Signal MOSFET
L2N7002KN3T5G LRC-L2N7002KN3T5G_15 Datasheet
230Kb / 5P
Small Signal MOSFET
L2N7002KWT1G LRC-L2N7002KWT1G_15 Datasheet
685Kb / 6P
Small Signal MOSFET
L2N7002M3T5G LRC-L2N7002M3T5G_15 Datasheet
173Kb / 4P
Small Signal MOSFET
LNTA7002NT1G LRC-LNTA7002NT1G_15 Datasheet
410Kb / 5P
Small Signal MOSFET
logo
ON Semiconductor
NTR5103N ONSEMI-NTR5103N_16 Datasheet
133Kb / 5P
Small Signal MOSFET
October, 2016 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com