Electronic Components Datasheet Search
  English  ▼

X  

STB1188 Datasheet (PDF) - AUK corp

STB1188 Datasheet PDF - AUK corp
Part # STB1188
Download  STB1188 Download
File Size   85.46 Kbytes
Page   3 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description PNP Silicon Transistor

STB1188 Datasheet (PDF)

Go To PDF Page Download Datasheet
STB1188 Datasheet PDF - AUK corp

Part # STB1188
Download  STB1188 Click to download

File Size   85.46 Kbytes
Page   3 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description PNP Silicon Transistor

STB1188 Datasheet (HTML) - AUK corp


STB1188 Product details

Description
• Medium power amplifier

Features
• PC(Collector dissipation)=2W (Ceramic substate of 40×40×0.8mm used)
• Low collector saturation voltage : VCE(sat)=-0.5V(Typ.)
• Complementary pair with STD1766




Similar Part No. - STB1188

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
STB1188 KODENSHI-STB1188 Datasheet
309Kb / 4P
PNP Silicon Transistor
STB1188 KODENSHI-STB1188 Datasheet
290Kb / 5P
PNP Silicon Transistor
More results


Similar Description - STB1188

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
BSS44 STMICROELECTRONICS-BSS44_00 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Dec-2000
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results




About AUK corp


AUK corp is a Taiwan-based semiconductor company that specializes in the design, development, and manufacturing of discrete semiconductor components, including diodes, transistors, and MOSFETs. The company was founded in 1991 and is headquartered in New Taipei City, Taiwan.

AUK's products are used in a wide range of applications, including automotive, communications, computing, and consumer electronics. The company's product portfolio includes a variety of diodes, such as switching, zener, and Schottky diodes, as well as MOSFETs and bipolar transistors.

AUK is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, AUK is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com