Electronic Components Datasheet Search
  English  ▼

X  

LF347N Datasheet (PDF) - ON Semiconductor

LF347N Datasheet PDF - ON Semiconductor
Part # LF347N
Download  LF347N Download
File Size   80.63 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Operational Amplifiers

LF347N Datasheet (PDF)

Go To PDF Page Download Datasheet
LF347N Datasheet PDF - ON Semiconductor

Part # LF347N
Download  LF347N Click to download

File Size   80.63 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Operational Amplifiers

LF347N Datasheet (HTML) - ON Semiconductor


LF347N Product details

These low cost JFET input operational amplifiers combine two state–of–the–art analog technologies on a single monolithic integrated circuit. Each internally compensated operational amplifier has well matched high voltage JFET input devices for low input offset voltage. The JFET technology provides wide bandwidths and fast slew rates with low input bias currents, input offset currents, and supply currents.
These devices are available in single, dual and quad operational amplifiers which are pin–compatible with the industry standard MC1741, MC1458, and the MC3403/LM324 bipolar devices

• Input Offset Voltage of 5.0 mV Max (LF347B)
• Low Input Bias Current: 50 pA
• Low Input Noise Voltage: 16 nV/√Hz
• Wide Gain Bandwidth: 4.0 MHz
• High Slew Rate: 13V/µs
• Low Supply Current: 1.8 mA per Amplifier
• High Input Impedance: 1012 Ω
• High Common Mode and Supply Voltage Rejection Ratios: 100 dB




Similar Part No. - LF347N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF347N NSC-LF347N Datasheet
406Kb / 13P
Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
Motorola, Inc
LF347N MOTOROLA-LF347N Datasheet
101Kb / 4P
FAMILY OF JFET OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LF347N STMICROELECTRONICS-LF347N Datasheet
302Kb / 10P
WIDE BANDWIDTH QUAD J-FET OPERATIONAL AMPLIFIERS
Mar-2001
logo
Texas Instruments
LF347N TI-LF347N Datasheet
392Kb / 10P
JFET-INPUT QUAD OPERATIONAL AMPLIFIERS
LF347N TI2-LF347N Datasheet
940Kb / 22P
LF347, LF347B JFET-Input Quad Operational Amplifiers
REVISED MARCH 2016
More results


Similar Description - LF347N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
Operational Amplifiers
LM108 NSC-LM108 Datasheet
289Kb / 10P
Operational Amplifiers
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
Operational Amplifiers
REV. D
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
UM605B UTC-UM605B_15 Datasheet
173Kb / 5P
OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
Operational Amplifiers
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
Operational Amplifiers
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com