Electronic Components Datasheet Search
  English  ▼

X  

TQFN3X3-20 Datasheet (PDF) - Global Mixed-mode Technology Inc

TQFN3X3-20 Datasheet PDF - Global Mixed-mode Technology Inc
Part # TQFN3X3-20
Download  TQFN3X3-20 Download
File Size   187.08 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Package Outline

TQFN3X3-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
TQFN3X3-20 Datasheet PDF - Global Mixed-mode Technology Inc

Part # TQFN3X3-20
Download  TQFN3X3-20 Click to download

File Size   187.08 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Package Outline

TQFN3X3-20 Datasheet (HTML) - Global Mixed-mode Technology Inc


TQFN3X3-20 Product details

General Description
The G5934 is a high-voltage switched-capacitor charge pump that provides the regulated output voltage of 1.5x input voltage. Input voltages ranging from 8V to 24V can be converted into a 12V to 36V output supply. The device is ideal for battery-powered conversion applications in notebook computers with a typical operating current of 150µA at 8V supply and 190µA at 24V supply.
The G5934 has a NMOS open-drain output pin for power good indication. When VOUT > 1.5 x VIN x 90%, the NMOS will be turned off immediately and PG pin will be pulled high by external resistor.
The G5934 contains an embedded 12-V LDO to provide the supply voltage to the drivers controlled by ON signals. The discharging networks are connected to the 22Ω resistor to shut down the low-voltage system while control input signals ON are not ready.
The G5934 contains an over-temperature circuit to protect the device under continuous output short circuit conditions.
The G5934 is available in TQFN3X3-20 package (thermal pad included).

Features
■ Input Range: 8V to 24V
■ Output Range: 12V to 36V
■ 150µA Quiescent Current at 8V Supply Voltage and 190µA Quiescent Current at 24V Supply Voltage
■ ±3% Regulated Output
■ Power Good Function
■ Power Good of Open Drain (Monitor AC VIN Only)
■ Embedded a 12-V LDO
■ 4 Control Signal Inputs
■ 4 12V-Drivers for external NMOS switches
■ 4 Discharging Networks for 22Ω
■ Over-Temperature Protection
■ Output Short Circuit Protection
■ TQFN3X3-20 Package

Applications
■ Notebook Computers




Similar Part No. - TQFN3X3-20

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
TQFN3X3-12 GMT-TQFN3X3-12 Datasheet
127Kb / 1P
Package Outline
TQFN3X3-16 GMT-TQFN3X3-16 Datasheet
128Kb / 1P
Package Outline
More results


Similar Description - TQFN3X3-20

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
21-0144B MAXIM-21-0144B Datasheet
135Kb / 2P
PACKAGE OUTLINE
Rev B
logo
Global Mixed-mode Techn...
DFN2X2-10 GMT-DFN2X2-10 Datasheet
195Kb / 1P
Package Outline
HTSSOP-14 GMT-HTSSOP-14 Datasheet
126Kb / 1P
Package Outline
MSOP-10 GMT-MSOP-10 Datasheet
180Kb / 1P
Package Outline
QFN5X5-20 GMT-QFN5X5-20 Datasheet
127Kb / 1P
Package Outline
QFN5X5-40 GMT-QFN5X5-40 Datasheet
128Kb / 1P
Package Outline
QFN6X6-40 GMT-QFN6X6-40 Datasheet
140Kb / 1P
Package Outline
SOP-8-EP GMT-SOP-8-EP Datasheet
187Kb / 1P
Package Outline
SOP-16 GMT-SOP-16 Datasheet
121Kb / 1P
Package Outline
SOP-20 GMT-SOP-20 Datasheet
110Kb / 1P
Package Outline
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com