Electronic Components Datasheet Search
  English  ▼

X  

SL432M Datasheet (PDF) - AUK corp

SL432M Datasheet PDF - AUK corp
Part # SL432M
Download  SL432M Download
File Size   373.45 Kbytes
Page   4 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description Programmable Voltage Reference

SL432M Datasheet (PDF)

Go To PDF Page Download Datasheet
SL432M Datasheet PDF - AUK corp

Part # SL432M
Download  SL432M Click to download

File Size   373.45 Kbytes
Page   4 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description Programmable Voltage Reference

SL432M Datasheet (HTML) - AUK corp


SL432M Product details

Description

The SL432 series are 3-terminal precision shunt regulators that are programmable over a wide voltage range of 1.24V to 16V with 1.0%, 2.0% tolerance. The SL432 series have a low dynamic impedance of 0.25Ω . These features make the SL432 series an excellent replacement for zener diodes in numerous applications circuits that require a precision reference voltage.



Features

• Low voltage operation 1.24V

• Programmable output voltage from 1.24V to 16 V

• Voltage reference tolerance 1.0%, 2.0%

• Wide operating current range of 60uA to 30mA



 




Similar Part No. - SL432M

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL4323SF AUK-SL4323SF Datasheet
341Kb / 5P
Programmable Voltage Reference
SL4323SF AUK-SL4323SF Datasheet
349Kb / 5P
Programmable Voltage Reference
SL432A AUK-SL432A Datasheet
359Kb / 5P
Programmable Voltage Reference
SL432ASF AUK-SL432ASF Datasheet
341Kb / 5P
Programmable Voltage Reference
SL432ASF AUK-SL432ASF Datasheet
349Kb / 5P
Programmable Voltage Reference
More results


Similar Description - SL432M

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
Programmable Voltage Reference
A431X AUK-A431X Datasheet
375Kb / 6P
Programmable Voltage Reference
SL431X AUK-SL431X Datasheet
355Kb / 6P
Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
Programmable Voltage Reference
Nov-2005
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
Programmable Voltage Reference
Nov-2005
logo
AUK corp
SL431XM AUK-SL431XM_1 Datasheet
354Kb / 6P
Programmable Voltage Reference
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
Programmable voltage reference
03-Dec-2012
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
Programmable Voltage Reference
More results




About AUK corp


AUK corp is a Taiwan-based semiconductor company that specializes in the design, development, and manufacturing of discrete semiconductor components, including diodes, transistors, and MOSFETs. The company was founded in 1991 and is headquartered in New Taipei City, Taiwan.

AUK's products are used in a wide range of applications, including automotive, communications, computing, and consumer electronics. The company's product portfolio includes a variety of diodes, such as switching, zener, and Schottky diodes, as well as MOSFETs and bipolar transistors.

AUK is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, AUK is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com