Electronic Components Datasheet Search
  English  ▼

X  

ELM185 Datasheet (PDF) - ELM Electronics

ELM185 Datasheet PDF - ELM Electronics
Part # ELM185
Download  ELM185 Download
File Size   919.37 Kbytes
Page   10 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description Laser Diode Driver

ELM185 Datasheet (PDF)

Go To PDF Page Download Datasheet
ELM185 Datasheet PDF - ELM Electronics

Part # ELM185
Download  ELM185 Click to download

File Size   919.37 Kbytes
Page   10 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description Laser Diode Driver

ELM185 Datasheet (HTML) - ELM Electronics


ELM185 Product details

■ General description
ELM185xB is a bipolar type laser diode driver IC with internal APC circuit which consists of a reference voltage source, an error amplifier, and a thermal shutdown circuit for protection. With reference voltage source, the output of laser is comparatively stable during the change of power voltage and temperature. With its small package, ELM185xB is possible to be assembled within small areas on the board. When control loop damage occurs, ELM185xB is also capable of limiting the laser drive current; limited current value can be adjusted by an external resister on ILM. KLD output drive current can reach up to 400mA (max.). For avoidance of damage of laser diode, the Zener diode which is included in ELM185xB is able to absorb 8V surge between VCC-GND. ELM185xB is able to drive various types of laser diode modules (LDM); please refer to applicable laser diode modules for further information. ELM185xB can not only drive laser diode by APC control, but also by constant current with internal constant current setup function; therefore, ELM185xB can also be used as constant current driver for laser diode, high luminous LED, etc.

■ Features
• Low voltage operation : 2.0V
• Low current consumption operation : Typ.1mA
• Laser drive current : Max.400mA
• Internal voltage reference : Typ.0.30V
• Thermal shutdown circuit : Typ.150°C
• Package : SOT-26, VSON6-2x2
• Zener diode for surge absorption included

■ Application
• Driver for laser diode in laser pointer, laser level, etc.
• Driver for constant load current such as LED, etc.




Similar Part No. - ELM185

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
Laser Diode Driver
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
Laser Diode Driver
ELM185BB ELM-TECH-ELM185BB Datasheet
140Kb / 10P
Lase Diode Driver
ELM185BB-S ELM-TECH-ELM185BB-S Datasheet
583Kb / 10P
ELM185xB Laser Diode Driver
ELM185GB-S ELM-TECH-ELM185GB-S Datasheet
583Kb / 10P
ELM185xB Laser Diode Driver
More results


Similar Description - ELM185

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
LASER-DIODE DRIVER
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
LASER-DIODE DRIVER
logo
Sony Corporation
CXB1818Q SONY-CXB1818Q Datasheet
225Kb / 17P
Laser Diode Driver
logo
List of Unclassifed Man...
HY6330 ETC-HY6330 Datasheet
176Kb / 2P
Laser Diode Driver
HY6410 ETC1-HY6410 Datasheet
199Kb / 2P
Laser Diode Driver
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
Laser Diode Driver
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
logo
ELM Technology Corporat...
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
Laser Diode Driver
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
Laser Diode Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com