Electronic Components Datasheet Search
  English  ▼

X  

ATP113 Datasheet (PDF) - ON Semiconductor

ATP113 Datasheet PDF - ON Semiconductor
Part # ATP113
Download  ATP113 Download
File Size   374.76 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description P-Channel Power MOSFET

ATP113 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATP113 Datasheet PDF - ON Semiconductor

Part # ATP113
Download  ATP113 Click to download

File Size   374.76 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description P-Channel Power MOSFET

ATP113 Datasheet (HTML) - ON Semiconductor


ATP113 Product details

Features
• ON-resistance RDS(on)1=22.5mΩ(typ.)
• Input Capacitance Ciss=2400pF(typ.)
• 4V drive
• Halogen free compliance
• Protection diode in




Similar Part No. - ATP113

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ATP113 SANYO-ATP113 Datasheet
349Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
ATP113-TL-H SANYO-ATP113-TL-H Datasheet
481Kb / 7P
General-Purpose Switching Device Applications
ATP113 SANYO-ATP113_12 Datasheet
481Kb / 7P
General-Purpose Switching Device Applications
More results


Similar Description - ATP113

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
P-CHANNEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
P Channel Power MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
p-Channel Power MOSFET
1.9, 2011-03-02
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
logo
ACE Technology Co., LTD...
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
P-Channel Power MOSFET
VER 1.1
logo
Solid States Devices, I...
FP0007 SSDI-FP0007_15 Datasheet
220Kb / 2P
P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM150P03 TSC-TSM150P03 Datasheet
393Kb / 6P
P-Channel Power MOSFET
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com