Electronic Components Datasheet Search
  English  ▼

X  

G2241B Datasheet (PDF) - Global Mixed-mode Technology Inc

G2241B Datasheet PDF - Global Mixed-mode Technology Inc
Part # G2241B
Download  G2241B Download
File Size   98.33 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 46 Channels PMU and Dual-input, Switch mode Li-ion Battery Charger

G2241B Datasheet (PDF)

Go To PDF Page Download Datasheet
G2241B Datasheet PDF - Global Mixed-mode Technology Inc

Part # G2241B
Download  G2241B Click to download

File Size   98.33 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 46 Channels PMU and Dual-input, Switch mode Li-ion Battery Charger

G2241B Datasheet (HTML) - Global Mixed-mode Technology Inc


G2241B Product details

General Description
The G2241B provide a complete power supply solution. They improve performance, component count, and size compared to other multi-channel controllers in 1-cell Li-Ion. On-chip MOSFETs provide up to 92~95% efficiency for critical power supplies. All channels DC/DC operate at one fixed frequency of 1.5MHz to optimize size, cost, and efficiency. All Synchronous converters operate at pulse skipping mode at light load. They also feature True-Shutdown as well as internal compensation to minimize external component count.
The G2241B also provide switched mode Li-ion charger with dynamic power path control. G2241B also has auto NTC-R 100kΩ/10kΩ detection circuit.

Features
● 2.5V ~ 5.5V Input Voltage Operation.
● 95% Efficient DC/DC Converter
● Built-in 4-ch synchronous buck converter, 5-ch LDOs, and 1-ch low quiescent current LDO for RTC.
● Low Power consumption (Sleep Mode ) < 10µA.
● Built-In Power ON/OFF Sequence for PMU.
● Built-In Short Circuit Protection (SCP), Under Voltage Protection (UVP), and cycle-by cycle current limit for DC/DC Converters.
● Integrated switched mode Li-ion charger with dynamic power path function.
● Charge voltage and current control with JEITA compliant.
● Built-In Thermal Shutdown Function.
● Built-In Battery OVP Function.
● Boost Mode Operation for USB OTG.
● TQFN48 Package (6mmx6mm).

Applications
● Tablet PC




Similar Part No. - G2241B

ManufacturerPart #DatasheetDescription
logo
Heyco.
G2241 HEYCO-G2241 Datasheet
120Kb / 1P
Screw-In Rubber Pocket Bumpers
More results


Similar Description - G2241B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
Standalone Li-Ion Switch Mode Battery Charger
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
Standalone Li-Ion Switch Mode Battery Charger
logo
Eutech Microelectronics...
EUP8202 EUTECH-EUP8202 Datasheet
553Kb / 21P
Switch Mode Li-Ion/Polymer Battery Charger
EUP8207-4.2 EUTECH-EUP8207-4.2 Datasheet
131Kb / 2P
Switch Mode Li-Ion/Polymer Battery Charger
logo
Linear Technology
LTC4002 LINER-LTC4002_15 Datasheet
175Kb / 16P
Standalone Li-Ion Switch Mode Battery Charger
logo
Global Mixed-mode Techn...
G2206 GMT-G2206 Datasheet
117Kb / 1P
63 Channels PMU and Li-ion Battery Charger for DSC
logo
Richtek Technology Corp...
RT5021 RICHTEK-RT5021 Datasheet
1Mb / 67P
Channels DC/DC PMU with Li-ion Battery Charger
logo
Feeling Technology Corp...
FP8202 FEELING-FP8202 Datasheet
653Kb / 16P
2A Switch-Mode Li-Ion Battery Charger
logo
Bookly Micro electronic
BM0203A BOOKLY-BM0203A Datasheet
1Mb / 10P
Standalone Li-Ion Switch Mode Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4066 HMSEMI-HM4066 Datasheet
1Mb / 19P
Switch Mode Li-Ion/Polymer Battery Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com