Electronic Components Datasheet Search
  English  ▼

X  

ENA0747B Datasheet (PDF) - ON Semiconductor

ENA0747B Datasheet PDF - ON Semiconductor
Part # ENA0747B
Download  ENA0747B Download
File Size   288.88 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel Power MOSFET 600V, 17A, 610mΩ, TO-3P-3L

ENA0747B Datasheet (PDF)

Go To PDF Page Download Datasheet
ENA0747B Datasheet PDF - ON Semiconductor

Part # ENA0747B
Download  ENA0747B Click to download

File Size   288.88 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel Power MOSFET 600V, 17A, 610mΩ, TO-3P-3L

ENA0747B Datasheet (HTML) - ON Semiconductor


ENA0747B Product details

Features
• ON-resistance RDS(on)=0.47Ω (typ.)
• Input capacitance Ciss=1200pF (typ.)
• 10V drive




Similar Part No. - ENA0747B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0747B SANYO-ENA0747B Datasheet
396Kb / 7P
General-Purpose Switching Device Applications
More results


Similar Description - ENA0747B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUZ71 STMICROELECTRONICS-BUZ71 Datasheet
79Kb / 8P
N - CHANNEL 50V - 0.085W - 17A TO-220 STripFET] POWER MOSFET
Jul-1999
logo
Fairchild Semiconductor
FDP17N60N FAIRCHILD-FDP17N60N Datasheet
766Kb / 9P
N-Channel MOSFET 600V, 17A, 0.34廓
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
600V N-CHANNEL POWER MOSFET
logo
ON Semiconductor
WPH4003-1E ONSEMI-WPH4003-1E Datasheet
304Kb / 7P
N-Channel Power MOSFET 1700V, 3A, 10.5, TO-3PF-3L
July, 2013
logo
Xian Semipower Electron...
SW20N50U SEMIPOWER-SW20N50U Datasheet
629Kb / 5P
N-channel TO-3P MOSFET
SW20N60U SEMIPOWER-SW20N60U Datasheet
674Kb / 5P
N-channel TO-3P MOSFET
SW22N60U SEMIPOWER-SW22N60U Datasheet
623Kb / 5P
N-channel TO-3P MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
600V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
600V N-Channel Power MOSFET
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com